Electronic Components Datasheet Search
  English  ▼

X  

PST26 Datasheet(PDF) 3 Page - Power System Technology

Part # PST26
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST26 Datasheet(HTML) 3 Page - Power System Technology

  PST26 Datasheet HTML 1Page - Power System Technology PST26 Datasheet HTML 2Page - Power System Technology PST26 Datasheet HTML 3Page - Power System Technology PST26 Datasheet HTML 4Page - Power System Technology PST26 Datasheet HTML 5Page - Power System Technology PST26 Datasheet HTML 6Page - Power System Technology PST26 Datasheet HTML 7Page - Power System Technology PST26 Datasheet HTML 8Page - Power System Technology PST26 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PST26 Rev. 00
Page 3 of 11
www.powersystemtechnology.com
Output data for V1 PST26300
Output data for V2, V3
Electrical Output Data
General condi�ons :
25°C ambiant.
Output data for V1 PST26150
V2,V3 are issued from V1, V1 must 12Vmin in order to have V2,V3
Unit
Characteristics
Conditions min typ max min typ max min typ max min typ max min typ max min typ max
Output voltage
3,3
5
12
15
+-12
+-15
V
Trim range (factory set)
3
3,6 4,5
5,5 11
13,2 13,5
16,5 8
15 13,5
16,5
V
Overvoltage protection
N/A
N/A
N/A
N/A
N/A
N/A
Nominal output current
5,5
5
2,5
2
1,25
1
A
Output current limit
6
5,5
2,75
2,2
1,37
1,1
A
Output noise
75
75
100
100
100
100 mVpp
Load regulation
1
1
1
1
2
2
%
Efficiency
80
82
86
87
87
87
%
Max capacitive Load
470
470
470
470
220
220 µF
+-15V
Output V2(single) or V2,V3 (dual)
3V3
5V
12V
15V
+-12V
V2+V3 are isseud from V1. Max power for V1+V2+V3 150W. Power below is defined when V2 and V3 not used.
Unit
Characteristics
Conditions min typ max min typ max min typ max min typ max min typ max min typ max min typ max
Output voltage
3V3
5
12
15
24
28
48
V
Trim range
Factory set
3
3,6 4,5
5,5 10,8
13,2 13,5
16,5 21,6
26,2 25,2
30,8 43,2
51,8
V
Overvoltage protection
4,5
6,5
14,9
18,5
29,1
34
58
V
Nominal output current
0
15
0
15
0
12,5 0
10
0
6,25 0
5,3
0
3,1
A
Output current limit
26
31
25
27
14,4 17,5
11,5 13,5
7,1
9
6,1 7,2
3,6 4,2
A
Output noise
20MHz
75
75
100
100
100
100
150
mVpp
Efficiency
75
83
85
84
83
84
%
Load Regulation
Vin nom.
2
2
0,5
0,5
0,4
0,4
0,4
%
28V
48V
Output
3V3
5V
12V
15V
24V
V2+V3 are isseud from V1. Max power for V1+V2+V3 300W. Power below is defined when V2 and V3 not used.
Unit
Characteristics
Conditions min typ max min typ max min typ max min typ max min typ max min typ max min typ max
Output voltage
3V3
5
12
15
24
28
48
V
Trim range
Factory set
3
3,6 4,5
5,5 10,8
13,2 13,5
16,5 21,6
26,2 25,2
30,8 43,2
51,8
V
Overvoltage protection
4,5
6,5
14,9
18,5
29,1
34
58
V
Nominal output current
0
30
0
30
0
25
0
20
0
12,5 0
10,6 0
6,25
A
Output current limit
35
41
34
40
29
35
23
26
14,5 17
12,5 14,5
7,2 8,2
A
Output noise
20MHz
75
75
100
100
100
100
150
mVpp
Efficiency
75
83
85
84
83
84
%
Load Regulation
Vin nom.
1
1
0,5
0,5
0,4
0,4
0,4
%
28V
48V
Output
3V3
5V
12V
15V
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com