Electronic Components Datasheet Search
  English  ▼

X  

PST26 Datasheet(PDF) 5 Page - Power System Technology

Part # PST26
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST26 Datasheet(HTML) 5 Page - Power System Technology

  PST26 Datasheet HTML 1Page - Power System Technology PST26 Datasheet HTML 2Page - Power System Technology PST26 Datasheet HTML 3Page - Power System Technology PST26 Datasheet HTML 4Page - Power System Technology PST26 Datasheet HTML 5Page - Power System Technology PST26 Datasheet HTML 6Page - Power System Technology PST26 Datasheet HTML 7Page - Power System Technology PST26 Datasheet HTML 8Page - Power System Technology PST26 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Primary Inhibit (Remote On/Off)
PST26 Rev. 00
Page 5 of 11
www.powersystemtechnology.com
The inhibit input disables (logic low, pull down or short circuit between
Inhibit+ and Inbibit-) or enables (logic high TTL, pull up or open-circuit
between Inhibit+ and Inhibit-) the converter. This signal is referenced to
the input voltage and will disable/enable all outputs at the same �me.
In systems consis�ng of several converters, this feature may be used to
sequence the ac�va�on of the different converters.
Output Voltage Adjustment
The converter outputs can be factory adjustable to different values than
standard ones. Consult factory.
Sense Lines
This feature enable compensa�on of voltage drop across the connector
contacts and the load lines. This fonc�onnality is implemented on V1
only and only for the 300W configura�on.
The voltage between any sense line and its respec�ve power output pin
(as measured on the connector) should not exceed the following values
at nominal output voltage.
Output type
Total drop
Nega�ve line drop
V1
< 0.5V
< 0.25V
Powergood
Two green leds on the front panel indicate the presence of output
voltages .
Waveforms
Auxiliary Func�ons
PST26 output noise V1 24V
Output noise V2, V3 +/- 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com