Electronic Components Datasheet Search
  English  ▼

X  

PST26 Datasheet(PDF) 1 Page - Power System Technology

Part # PST26
Description  Standard product
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST26 Datasheet(HTML) 1 Page - Power System Technology

  PST26 Datasheet HTML 1Page - Power System Technology PST26 Datasheet HTML 2Page - Power System Technology PST26 Datasheet HTML 3Page - Power System Technology PST26 Datasheet HTML 4Page - Power System Technology PST26 Datasheet HTML 5Page - Power System Technology PST26 Datasheet HTML 6Page - Power System Technology PST26 Datasheet HTML 7Page - Power System Technology PST26 Datasheet HTML 8Page - Power System Technology PST26 Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
4
90-264Vac or 100-350Vdc input voltage ranges
4
1 to 3 isolated outputs
4
Output power up to 300W
4
Power Factor Correc�on EN61000-3-2
4
Surge and transient protec�on
4
Many output configura�ons available
4
3U x 8TE x 160mm
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
The PST26 , AC-DC converter in an eurocard format, incorporate input and output protec�ons and filtering, signalling features, required in most
of the severe environments for industrial applica�ons. The PSU provides significant advantages such as flexibility of output configura�on, high
reliability thanks to the integra�on of Vicor Corp. modules, high efficiency, low ripple and noise levels, input-to-output isola�on, so� start, over-
temperature protec�on, input over/undervoltage lockout. The input is protected against surges and transients and EMI filtered. The outputs are
coun�nuously short-circuit proof . LEDs in front panel indicates the status of the outputs.
PST26
Standard product
PST26 Rev. 00
Page 1 of 11
www.powersystemtechnology.com
RoHS
VDR1
AC2
AC1
PD1
CDPFC1-5
T1
1
2
10
9
L3
C7
+384V
CDPFC1-1
CDPFC1-2
CDPFC1-3
A
B
-HT
CDPFC1-7
CDPFC1-8
-HT
+384V
90-265 Vac
44-440Hz
C4
C5
C3
C2
CTN1
D2
F1
C13
C14
C15
C16
R4
R5
R3
D1
J2
J3
J4
J5
AC/L
AC/N
R7
R8
C8
+24V/1,5A
8
6
4
32
30
28
26
24
22
20
18
16
14
12
10
J1
AC/L
AC/N
(Ilim 3.2A)
L2
L1
C1
F2
C17
+IN
1
-IN
4
PC
2
PR
3
+OUT
5
-OUT
7
SC
6
VI1
C18
D8
L5
D9
INHIB
R9
R10
C20
NC
NC
NC
NC
NC
0V-26
G1
G2
-HT
INHIB
Inhibit+
Inhibit-
L6
+24Vaux
LD1
R11
Trim
7
-12V
6
Com
5
+12V
4
+Vin
1
-Vin
2
on/off
3
DC1
+24VAUX
0V24
C21
R12
R13
C23
LD2
R14
-26V/1A
C19
G3
Com
COM
C24
C25
C22
L4
G4
+24V
0V24
G5
-26V
NC
G6
G7
Phase 1
Phase 2
G8
Carte commande PFC
Schema electrique
CD PFCI
1
2
3
4
5
6
8
9
7
CDPFC1


Similar Part No. - PST26

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST20 PST-PST20 Datasheet
221Kb / 3P
Industrial applications
PST21 PST-PST21 Datasheet
512Kb / 6P
Chassis mounting applications, low profile
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
PST22 PST-PST22 Datasheet
1Mb / 11P
Standard product
PST23 PST-PST23 Datasheet
1Mb / 9P
Standard product
More results

Similar Description - PST26

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
NSE-8G??Standard Product Data Sheet Preliminary
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
logo
Power System Technology
CPCIAC PST-CPCIAC Datasheet
4Mb / 9P
Standard product AC-DC CompactPCI짰 300W
PST22 PST-PST22 Datasheet
1Mb / 11P
Standard product
PST23 PST-PST23 Datasheet
1Mb / 9P
Standard product
PST24 PST-PST24 Datasheet
1Mb / 8P
Standard product
logo
PMC-Sierra, Inc
PM5345S PMC-PM5345S Datasheet
614Kb / 196P
SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
logo
II-VI Marlow, Inc.
CTA305-0001-01 VIMARLOW-CTA305-0001-01 Datasheet
355Kb / 2P
AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
Molex Electronics Ltd.
PS-1462360001 MOLEX-PS-1462360001 Datasheet
1Mb / 13P
Rectangular Standard NFC Antenna Product Specification
2021/03/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com