Electronic Components Datasheet Search
  English  ▼

X  

BFP720F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 6Page - Infineon Technologies AG BFP720F Datasheet HTML 7Page - Infineon Technologies AG BFP720F Datasheet HTML 8Page - Infineon Technologies AG BFP720F Datasheet HTML 9Page - Infineon Technologies AG BFP720F Datasheet HTML 10Page - Infineon Technologies AG BFP720F Datasheet HTML 11Page - Infineon Technologies AG BFP720F Datasheet HTML 12Page - Infineon Technologies AG BFP720F Datasheet HTML 13Page - Infineon Technologies AG BFP720F Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
BFP720F
Thermal Characteristics
Data Sheet
10
Revision 1.1, 2012-10-25
4
Thermal Characteristics
Figure 4-1 Total Power Dissipation
P
tot = f (Ts)
Table 4-1
Thermal Resistance
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Junction - soldering point1)
1)For the definition of RthJS please refer to Application Note AN077 (Thermal Resistance Calculation)
RthJS
–410
–
K/W
–
0
20
40
60
80
100
120
0
50
100
150
Ts [°C]
0
20
40
60
80
100
120
0
50
100
150
Ts [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com