Electronic Components Datasheet Search
  English  ▼

X  

BFP720F Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 13Page - Infineon Technologies AG BFP720F Datasheet HTML 14Page - Infineon Technologies AG BFP720F Datasheet HTML 15Page - Infineon Technologies AG BFP720F Datasheet HTML 16Page - Infineon Technologies AG BFP720F Datasheet HTML 17Page - Infineon Technologies AG BFP720F Datasheet HTML 18Page - Infineon Technologies AG BFP720F Datasheet HTML 19Page - Infineon Technologies AG BFP720F Datasheet HTML 20Page - Infineon Technologies AG BFP720F Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
BFP720F
Electrical Characteristics
Data Sheet
17
Revision 1.1, 2012-10-25
Notes
1. G
ms = IS21 / S12I for k < 1; Gma = IS21 / S12I(k-(k
2-1)1/2) for k > 1
2. In order to get the NF
min values stated in this chapter the test fixture losses have been subtracted from all
measured results
Table 5-10 AC Characteristics,
V
CE = 3 V, f = 5.5 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
Low noise operation point
High linearity operation point
Gms
Gms
–
–
19
21.5
–
–
dB
IC =5mA
IC =13mA
Transducer Gain
Low noise operation point
High linearity operation point
S21
S21
–
–
15
16.5
–
–
dB
ZS = ZL = 50 Ω
IC =5mA
IC =13mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
–
–
0.7
15
–
–
dB
ZS = Zopt
IC =5mA
IC =5mA
Linearity
1 dB gain compression point
3rd order intercept point
OP1dB
OIP3
–
–
7
21
–
–
dBm
ZS = ZL = 50 Ω
IC =13mA
IC =13mA
Table 5-11 AC Characteristics,
V
CE = 3 V, f = 10 GHz
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Power Gain
Low noise operation point
High linearity operation point
Gma
Gma
–
–
14
15
–
–
dB
IC =5mA
IC =13mA
Transducer Gain
Low noise operation point
High linearity operation point
S21
S21
–
–
9.5
10.5
–
–
dB
ZS = ZL = 50 Ω
IC =5mA
IC =13mA
Minimum Noise Figure
Minimum noise figure
Associated gain
NFmin
Gass
–
–
1.0
10.5
–
–
dB
ZS = Zopt
IC =5mA
IC =5mA
Linearity
1 dB gain compression point
3rd order intercept point
OP1dB
OIP3
–
–
8
19.5
–
–
dBm
ZS = ZL = 50 Ω
IC =13mA
IC =13mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com