Electronic Components Datasheet Search
  English  ▼

X  

MB3773 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # MB3773
Description  Power Supply Monitor with Watch-Dog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button MB3773 Datasheet HTML 3Page - Cypress Semiconductor MB3773 Datasheet HTML 4Page - Cypress Semiconductor MB3773 Datasheet HTML 5Page - Cypress Semiconductor MB3773 Datasheet HTML 6Page - Cypress Semiconductor MB3773 Datasheet HTML 7Page - Cypress Semiconductor MB3773 Datasheet HTML 8Page - Cypress Semiconductor MB3773 Datasheet HTML 9Page - Cypress Semiconductor MB3773 Datasheet HTML 10Page - Cypress Semiconductor MB3773 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
MB3773
Document Number: 002-08513 Rev. *A
Page 7 of 31
4. Operation Sequence
1. When Vcc rises to about 0.8 V, RESET goes “Low” and RESET goes “High”.
The pull-up current of approximately 1 μA (Vcc = 0.8 V) is output from RESET.
2. When Vcc rises to VSH ( := 4.3V) , the charge with CT starts.
At this time, the output is being reset.
3. When CT begins charging, RESET goes “High” and RESET goes “Low”.
After TPR reset of the output is released.
Reset hold time: TPR (ms) := 1000 × CT (μF)
After releasing reset, the discharge of CT starts, and watch-dog timer operation starts.
TPR is not influenced by the CK input.
4. C changes from the discharge into the charge if the clock (Negative edge) is input to the CK terminal while discharging CT.
5. C changes from the charge into the discharge when the voltage of CT reaches a constant
threshold ( := 1.4 V) .
4 and 5 are repeated while a normal clock is input by the logic system.
6. When the clock is cut off, gets, and the voltage of CT falls on threshold ( := 0.4 V) of reset on, RESET goes “Low” and RESET goes
“High”.
Discharge time of CT until reset is output: TWD is watch-dog timer monitoring time.
TWD (ms) := 100 × CT (μF)
Because the charging time of CT is added at accurate time from stop of the clock and getting to the output of reset of the clock,
TWD becomes maximum TWD TWR by minimum TWD.
7. Reset time in operating watch-dog timer: TWR is charging time where the voltage of CT goes up to off
threshold ( := 1.4 V) for reset.
TWR (ms) := 20 × CT (μF)
Reset of the output is released after CT reaches an off threshold for reset, and CT starts the discharge, after that if the clock is
normally input, operation repeats 4 and 5, when the clock is cut off, operationrepeats 6 and 7.
8. When Vcc falls on VSL ( := 4.2 V) , reset is output. CT is rapidly discharged of at the same time.
9. When Vcc goes up to VSH, the charge with CT is started.
When Vcc is momentarily low,
After falling VSL or less Vcc, the time to going up is the standard value of the Vcc input pulse width in VSH or more.
After the charge of CT is discharged, the charge is started if it is TPI or more.
10.Reset of the output is released after TPR, after Vcc becomes VSH or more, and the watch-dog timer starts. After that, when Vcc
becomes VSL or less, 8 to 10 is repeated.
11.While power supply is off, when Vcc becomes VSL or less, reset is output.
12.The reset output is maintained until Vcc becomes 0.8 V when Vcc falls on 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com