Electronic Components Datasheet Search
  English  ▼

X  

MB3773 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB3773
Description  Power Supply Monitor with Watch-Dog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB3773 Datasheet HTML 18Page - Cypress Semiconductor MB3773 Datasheet HTML 19Page - Cypress Semiconductor MB3773 Datasheet HTML 20Page - Cypress Semiconductor MB3773 Datasheet HTML 21Page - Cypress Semiconductor MB3773 Datasheet HTML 22Page - Cypress Semiconductor MB3773 Datasheet HTML 23Page - Cypress Semiconductor MB3773 Datasheet HTML 24Page - Cypress Semiconductor MB3773 Datasheet HTML 25Page - Cypress Semiconductor MB3773 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
MB3773
Document Number: 002-08513 Rev. *A
Page 22 of 31
EXAMPLE 9: Reducing Reset Hold Time
VCC( 5
1
2
3
4
8
7
6
5
CT
MB3773
RESET
RESET
CK
GND
Logic circuit
(a) TPR reduction method
VCC (
5 V)
1
2
3
4
8
7
6
5
CT
MB3773
RESET
RESET
CK
GND
Logic circuit
Notes :
• RESET is the only output that can be used.
• Standard TPR, TWD and TWR value can be found using the following formulas.
Formulas:TPR (ms) := 100 × CT (μF)
TWD (ms) := 100 × CT (μF)
TWR (ms) := 16 × CT (μF)
• The above formulas become standard values in determining TPR, TWD and TWR.
Reset hold time is compared below between the reduction circuit and the standard circuit.
(b) Standard usage
CT 0.1 μF
TPR reduction circuit
Standard circuit
TPR :=
10 ms
100 ms
TWD :=
10 ms
10 ms
TWR :=
1.6 ms
2.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com