Electronic Components Datasheet Search
  English  ▼

X  

MB3773 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB3773
Description  Power Supply Monitor with Watch-Dog Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3773 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB3773 Datasheet HTML 4Page - Cypress Semiconductor MB3773 Datasheet HTML 5Page - Cypress Semiconductor MB3773 Datasheet HTML 6Page - Cypress Semiconductor MB3773 Datasheet HTML 7Page - Cypress Semiconductor MB3773 Datasheet HTML 8Page - Cypress Semiconductor MB3773 Datasheet HTML 9Page - Cypress Semiconductor MB3773 Datasheet HTML 10Page - Cypress Semiconductor MB3773 Datasheet HTML 11Page - Cypress Semiconductor MB3773 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
MB3773
Document Number: 002-08513 Rev. *A
Page 8 of 31
5. Absolute Maximum Ratings
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
6. Recommended Operating Conditions
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor
device.All of the device’s electrical characteristics are warranted when the device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation outside these
ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet.
Users considering application outside the listed conditions are advised to contact their Cypress representatives
beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Supply voltage
VCC
- 0.3
+ 18
V
Input voltage
VS
- 0.3
VCC + 0.3 ( ≤ +18)
V
VCK
- 0.3
+ 18
V
RESET, RESET Supply voltage
VOH
- 0.3
VCC + 0.3 ( ≤ +18)
V
Power dissipation (Ta ≤ +85°C)
PD
—
200
mW
Storage temperature
TSTG
- 55
+ 125
°C
Parameter
Symbol
Value
Unit
Min
Max
Supply voltage
VCC
+ 3.5
+ 16
V
RESET, RESET sink current
IOL
020
mA
VREF output current
IOUT
- 200
+ 5
μA
Watch clock setting time
tWD
0.1
1000
ms
CK Rising/falling time
tFC, tRC
—
100
μs
Terminal capacitance
CT
0.001
10
μF
Operating ambient temperature
Ta
- 40
+ 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com