Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # S70GL02GT
Description  2-Gbit (256-Mbyte) 3.0V Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button S70GL02GT Datasheet HTML 3Page - Cypress Semiconductor S70GL02GT Datasheet HTML 4Page - Cypress Semiconductor S70GL02GT Datasheet HTML 5Page - Cypress Semiconductor S70GL02GT Datasheet HTML 6Page - Cypress Semiconductor S70GL02GT Datasheet HTML 7Page - Cypress Semiconductor S70GL02GT Datasheet HTML 8Page - Cypress Semiconductor S70GL02GT Datasheet HTML 9Page - Cypress Semiconductor S70GL02GT Datasheet HTML 10Page - Cypress Semiconductor S70GL02GT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Document Number: 002-13915 Rev. *A
Page 7 of 20
S70GL02GT
3.1
Special Handling Instructions for BGA Package
Special handling is required for Flash Memory products in BGA packages.
Flash memory devices in BGA packages may be damaged if exposed to ultrasonic cleaning methods. The package and/or data
integrity may be compromised if the package body is exposed to temperatures above 150°C for prolonged periods of time.
Figure 3.2 64-ball Fortified Ball Grid Array
Notes
1. Ball E1, Do Not Use (DNU), a device internal signal is connected to the package connector. The connector may be used by Cypress for test or other purposes and is
not intended for connection to any host system signal. Do not use these connections for PCB Signal routing channels. Though not recommended, the ball can be
connected to VCC or VSS through a series resistor.
2. Balls C1, D1, E1, G1: Reserved for Future Use (RFU).
3. Balls A1, A8, H1, H8: No Connect (NC).
A2
C2
D2
E2
F2
G2
H2
A3
C3
D3
E3
F3
G3
H3
A4
C4
D4
E4
F4
G4
H4
A5
C5
D5
E5
F5
G5
H5
A6
C6
D6
E6
F6
G6
H6
A7
C7
D7
E7
F7
G7
H7
DQ15 / A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
A1
C1
D1
E1
F1
G1
H1
RFU
NC
VIO
RFU
RFU
RFU
A26
NC
A8
C8
B2
B3
B4
B5
B6
B7
B1
B8
D8
E8
F8
G8
H8
A25
NC
A24
VSS
VIO
A23
A22
NC
64-ball Fortified BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com