Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S70GL02GT
Description  2-Gbit (256-Mbyte) 3.0V Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S70GL02GT Datasheet HTML 9Page - Cypress Semiconductor S70GL02GT Datasheet HTML 10Page - Cypress Semiconductor S70GL02GT Datasheet HTML 11Page - Cypress Semiconductor S70GL02GT Datasheet HTML 12Page - Cypress Semiconductor S70GL02GT Datasheet HTML 13Page - Cypress Semiconductor S70GL02GT Datasheet HTML 14Page - Cypress Semiconductor S70GL02GT Datasheet HTML 15Page - Cypress Semiconductor S70GL02GT Datasheet HTML 16Page - Cypress Semiconductor S70GL02GT Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Document Number: 002-13915 Rev. *A
Page 13 of 20
S70GL02GT
10. Device ID and Common Flash Interface (ID-CFI) ASO Map
The Device ID portion of the ASO (word locations 0h to 0Fh) provides manufacturer ID, device ID, Sector Protection State, and basic
feature set information for the device.
ID-CFI Location 02h displays sector protection status for the sector selected by the sector address (SA) used in the ID-CFI enter
command. To read the protection status of more than one sector it is necessary to exit the ID ASO and enter the ID ASO using the
new SA. The access time to read location 02h is always tACC and a read of this location requires CE# to go High before the read and
return Low to initiate the read (asynchronous read access). Page mode read between location 02h and other ID locations is not
supported. Page mode read between ID locations other than 02h is supported.
Table 10.1 ID (Autoselect) Address Map
Description
Address (x16)
Address (x8)
Read Data
Manufacture ID
(SA) + 0000h
(SA) + 0000h
0001h
Device ID
(SA) + 0001h
(SA) + 0002h
227Eh
Protection Verification
(SA) + 0002h
(SA) + 0004h
Sector Protection State (1= Sector protected, 0= Sector unprotected). To read a different SA
protection state only a new SA needs to be given.
Indicator Bits
(SA) + 0003h
(SA) + 0006h
For S70GL02Gt highest address sector protect:
XX3Fh = Not Factory Locked
XXBFh = Factory Locked
For S70GL02GT lowest address sector protect:
XX2Fh = Not Factory Locked
XXAFh = Factory Locked
DQ15-DQ08 = 1 (Reserved)
DQ7 - Factory Locked Secure Silicon Region
1 = Locked
0 = Not Locked
DQ6 - Customer Locked Secure Silicon Region
1 = Locked
0 = Not Locked
DQ5 = 1 (Reserved)
DQ4 - WP# Protects
0 = lowest address Sector
1 = highest address Sector
DQ3 - DQ0 = 1 (Reserved)
RFU
(SA) + 0004h
(SA) + 0008h
Reserved
(SA) + 0005h
(SA) + 000Ah
Reserved
(SA) + 0006h
(SA) + 000Ch
Reserved
(SA) + 0007h
(SA) + 000Eh
Reserved
(SA) + 0008h
(SA) + 0010h
Reserved
(SA) + 0009h
(SA) + 0012h
Reserved
(SA) + 000Ah
(SA) + 0014h
Reserved
(SA) + 000Bh
(SA) + 0016h
Reserved
Lower Software Bits
(SA) + 000Ch
(SA) + 0018h
Bit 0 - Status Register Support
1 = Status Register Supported
0 = Status Register not supported
Bit 1 - DQ polling Support
1 = DQ bits polling supported
0 = DQ bits polling not supported
Bit 3-2 - Command Set Support
11 = reserved
10 = reserved
01 = Reduced Command Set
00 = Classic Command set
Bits 4-15 - Reserved = 0
Upper Software Bits
(SA) + 000Dh
(SA) + 001Ah
Reserved
Device ID
(SA) + 000Eh
(SA) + 001Ch
2248h = 2 Gb
Device ID
(SA) + 000Fh
(SA) + 000Eh
2201h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com