Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # S70GL02GT
Description  2-Gbit (256-Mbyte) 3.0V Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70GL02GT Datasheet(HTML) 1 Page - Cypress Semiconductor

  S70GL02GT Datasheet HTML 1Page - Cypress Semiconductor S70GL02GT Datasheet HTML 2Page - Cypress Semiconductor S70GL02GT Datasheet HTML 3Page - Cypress Semiconductor S70GL02GT Datasheet HTML 4Page - Cypress Semiconductor S70GL02GT Datasheet HTML 5Page - Cypress Semiconductor S70GL02GT Datasheet HTML 6Page - Cypress Semiconductor S70GL02GT Datasheet HTML 7Page - Cypress Semiconductor S70GL02GT Datasheet HTML 8Page - Cypress Semiconductor S70GL02GT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-13915 Rev. *A
Revised October 21, 2016
S70GL02GT
2-Gbit (256-Mbyte)
3.0V Flash Memory
General Description
The Cypress S70GL02GT 2-Gigabit MirrorBit
® Flash memory device is fabricated on 45-nm MirrorBit® Eclipseprocess technology.
This device offers a fast page access time of 25 ns with a corresponding random access time of 110 ns. It features a Write Buffer
that allows a maximum of 256 words/512 bytes to be programmed in one operation, resulting in faster effective programming time
than standard single byte/word programming algorithms. This makes the device an ideal product for today’s embedded applications
that require higher density, better performance and lower power consumption.
This document contains information for the S70GL02GT device, which is a dual-die stack of two S29GL01GT die. For detailed
specifications, please refer to the discrete die data sheet:
Distinctive Characteristics
 CMOS 3.0 Volt Core with Versatile I/O™
 Two 1024 Megabit (S29GL01GT) in a single 64-ball Fortified-
BGA package (see S29GL01GT datasheet for full
specifications)
 45 nm MirrorBit Eclipse process technology
 Single supply (V
CC) for read / program / erase (2.7V to 3.6V)
 Versatile I/O Feature
– Wide I/O voltage (VIO): 1.65V to VCC
 x8 and x16 data bus
 16-word/32-byte page read buffer
 512-byte Programming Buffer
– Programming in Page multiples, up to a maximum of
512 bytes
 Sector Erase
– Uniform 128-kbytes sectors
– S70GL02GT: two thousand forty-eight sectors
 Suspend and Resume commands for Program and Erase
operations
 Status Register, Data Polling, and Ready/Busy pin methods
to determine device status
 Advanced Sector Protection (ASP)
– Volatile and non-volatile protection methods for each
sector
 Separate 1024-bye One Time Program (OTP) array with two
lockable regions
– Available in each device Support for CFI (Common Flash
Interface)
 WP# input
– Protects the last sector of the device, regardless of sector
protection settings
 Temperature Range / Grade
– Industrial (–40°C to +85°C)
– Industrial Plus (–40°C to +105°C)
– Automotive, AEC-Q100 Grade 3 (-40°C to +85°C)
– Automotive, AEC-Q100 Grade 2 (-40°C to +105°C)
 100,000 Program-Erase cycles
 20-year data retention
 Packaging Options
– 64-ball LSH Fortified BGA, 13 mm x 11 mm
Performance Characteristics
Notes
1. Access times are dependent on VIO operating ranges. See Ordering Information on page 4 for further details.
2. Contact a sales representative for availability.
Document
Cypress Document Number
S29GL01GT, S29GL512T Data Sheet
002-00247
Max. Read Access Times (ns) (Note 1)
Parameter
2 Gb
Random Access Time (tACC)
110
120
Page Access Time (tPACC)20
30
CE# Access Time (tCE)
110
120
OE# Access Time (tOE)25
35


Similar Part No. - S70GL02GT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S70GL02GT INFINEON-S70GL02GT Datasheet
315Kb / 24P
2 Gb (256 MB) GL-T MIRRORBIT™ Flash Parallel, 3.0 V
Rev. F 2022-08-22
S70GL02GT11FHA01X INFINEON-S70GL02GT11FHA01X Datasheet
315Kb / 24P
2 Gb (256 MB) GL-T MIRRORBIT™ Flash Parallel, 3.0 V
Rev. F 2022-08-22
S70GL02GT11FHA02X INFINEON-S70GL02GT11FHA02X Datasheet
315Kb / 24P
2 Gb (256 MB) GL-T MIRRORBIT™ Flash Parallel, 3.0 V
Rev. F 2022-08-22
S70GL02GT11FHB01X INFINEON-S70GL02GT11FHB01X Datasheet
315Kb / 24P
2 Gb (256 MB) GL-T MIRRORBIT™ Flash Parallel, 3.0 V
Rev. F 2022-08-22
S70GL02GT11FHB02X INFINEON-S70GL02GT11FHB02X Datasheet
315Kb / 24P
2 Gb (256 MB) GL-T MIRRORBIT™ Flash Parallel, 3.0 V
Rev. F 2022-08-22
More results

Similar Description - S70GL02GT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Cypress Semiconductor
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S70FL01GS CYPRESS-S70FL01GS Datasheet
355Kb / 19P
1 Gbit (128 Mbyte) 3.0V SPI Flash
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
S70FL256P CYPRESS-S70FL256P Datasheet
1Mb / 16P
256-Mbit 3.0V Flash
logo
Elite Semiconductor Mem...
F50L2G41XA ESMT-F50L2G41XA Datasheet
1Mb / 49P
3.3V 2 Gbit SPI-NAND Flash Memory
F50L2G41LB ESMT-F50L2G41LB Datasheet
1Mb / 50P
3.3V 2 Gbit (2 x 1 Gbit) SPI-NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com