Electronic Components Datasheet Search
  English  ▼

X  

IM830B Datasheet(PDF) 3 Page - MMD Components

Part # IM830B
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM830B Datasheet(HTML) 3 Page - MMD Components

  IM830B Datasheet HTML 1Page - MMD Components IM830B Datasheet HTML 2Page - MMD Components IM830B Datasheet HTML 3Page - MMD Components IM830B Datasheet HTML 4Page - MMD Components IM830B Datasheet HTML 5Page - MMD Components IM830B Datasheet HTML 6Page - MMD Components IM830B Datasheet HTML 7Page - MMD Components IM830B Datasheet HTML 8Page - MMD Components IM830B Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 3 of 9
Performance Plots:
Figure 1: Idd vs Frequency
Figure 2: Frequency vs Temperature
Figure 3; RMS Period Jitter vs Frequency
Figure 4: Duty Cycle vs Frequency
Figure 5: 20% to 80% Rise Time vs Temperature
Figure 6: 20% to 80% Fall Time vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com