Electronic Components Datasheet Search
  English  ▼

X  

IM830B Datasheet(PDF) 4 Page - MMD Components

Part # IM830B
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM830B Datasheet(HTML) 4 Page - MMD Components

  IM830B Datasheet HTML 1Page - MMD Components IM830B Datasheet HTML 2Page - MMD Components IM830B Datasheet HTML 3Page - MMD Components IM830B Datasheet HTML 4Page - MMD Components IM830B Datasheet HTML 5Page - MMD Components IM830B Datasheet HTML 6Page - MMD Components IM830B Datasheet HTML 7Page - MMD Components IM830B Datasheet HTML 8Page - MMD Components IM830B Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 4 of 9
Figure 7: RMS Integrated Phase Jitter Random
(12 kHz to 20.0 MHz) vs. Frequency
Figure 8: RMS Integrated Phase Jitter Random
(900 kHz to 20.0 MHz) vs. Frequency
Environmental Specifications:
Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL Level 1 at +260ºC
Pb Free Solder Reflow Profile
Ts max to TL (Ramp-up Rate)
3ºC / second max
Preheat
Temperature min (Ts min)
Temperature typ (Ts typ)
Temperature max (Ts max)
Time (Ts)
150ºC
175ºC
200ºC
60 to180 seconds
Ramp-up Tate (TL to Tp
3ºC / second max
Time Maintained Above
Temperature (TL)
Time (TL)
217ºC
60 to 150 seconds
Peak Temperature (Tp)
260ºC max for seconds
Time within 5ºC to Peak
Temperature (Tp)
20 to 40 seconds
Ramp-down Rate
6ºC / second max
Tune 25ºC to Peak
Temperature
8 minute max
Moisture Sensitivity Level
(MSL)
Level 1
Units are backward compatible with +240ºC reflow processes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com