Electronic Components Datasheet Search
  English  ▼

X  

IM830B Datasheet(PDF) 1 Page - MMD Components

Part # IM830B
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM830B Datasheet(HTML) 1 Page - MMD Components

  IM830B Datasheet HTML 1Page - MMD Components IM830B Datasheet HTML 2Page - MMD Components IM830B Datasheet HTML 3Page - MMD Components IM830B Datasheet HTML 4Page - MMD Components IM830B Datasheet HTML 5Page - MMD Components IM830B Datasheet HTML 6Page - MMD Components IM830B Datasheet HTML 7Page - MMD Components IM830B Datasheet HTML 8Page - MMD Components IM830B Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
IM830 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 1 of 9
Features:
MEMS Technology
Direct pin to pin drop-in replacement for industry-standard packages
Ultra-low phase jitter: 0.5 pSec (12 kHz to 20 MHz)
LVCMOS/HCMOS Compatible Output
Industry-standard package 2.0 x1.6, 2.5 x 2.0, 3.2 x 2.5, and 5.0 x 3.2 mm x mm
Pb-free, RoHS and REACH compliant
Fast delivery times
Typical Applications:
Fibre Channel
Server and Storage
GPON, EPON
100M / 1G /10G Ethernet
Ruggedized equipment in harsh
operating environment
Electronic Specifications:
Frequency Range
1.000 MHz to 110.000MHz
Frequency Stability
See Part Number Guide
Inclusive of initial tolerance at +25°C, 1
st year aging at +25°C, and variations
over operating temperature, rated power supply, voltage and load (15
pF±10%)
Operating Temperature
-55°C of +125°C
Supply Voltage (Vdd) ±10%
See Part Number Guide
Current Consumption
3.8 mA typ./ 4.7 mA max
3.6 mA typ./ 4.5 mA max
3.5 mA typ./ 4.5 mA max
No load condition, f = 20 MHz, Vdd = +2.8 V, +3.0 V or +3.3 V
No load condition, f = 20 MHz, Vdd = +2.5 V
No load condition, f = 20 MHz, Vdd = +1.8 V
OE Disable Current
4.5 mA max
4.3 mA max
Vdd = +2.5 V, or +3.3 V, OE = Low, output is high Z state
Vdd = +1.8 V, OE = Low, output is high Z state
Standby Current
2.6 µA typ./ 8.5 µA max,
1.4 µA typ./ 5.5 µA max
0.6 µA typ./ 4.0 µA max
Vdd = +2.8 V to 3.3 V,
ST = low
Vdd = +2.5 V,
ST = Low
Vdd = +1.8 V,
ST = Low
Waveform Output
LVCMOS/HCMOS
Symmetry
45%/55%
50% of waveform
Rise / Fall Time
1.0 nSec typ./ 2.0 nSec max
1.3 nSec typ./ 2.5 nSec max
Vdd = +2.5 V, +2.8 V, 3.0 V or 3.3 V from 20% to 80% of waveform
Vdd = +1.8 V, from 20% to 80% of waveform
Logic “1”
90% of Vdd min
Logic “0”
10% of Vdd max
Input Voltage High
70% of Vdd min
Pin 1, OE or
ST
Input Voltage Low
30% of Vdd max
Pin 1, OE or
ST
Input Pull-up Impedance
50 Ω min / 87 kΩ typ./ 150 kΩ max
2.0 MΩ min
Pin 1, OE logic high or logic low, or
ST logic high
Pin 1,
ST logic low
Startup Time
5 mSec max
Measured from the time Vdd reaches its rated minimum values
Enable/Disable Time
130 nSec max
F = 110 MHz, For other frequencies, T_oe = 100 nSec + 3 * clock periods
Resume Time
5 mSec max
Measured from the time
ST pin crosses 50% threshold.
RMS Period Time
1.6 pSec typ./ 2.5 pSec max
1.9 pSec typ./ 3.0 pSec max
F = 75 MHz, Vdd = +2.5 V, +2.8 V, +3.0 V or +3.3 V
F = 75 MHz, Vdd = +1.8 V
Peak-to-Peak Period Jitter
12 pSec typ./ 20 pSec max
14 pSec typ./ 25 pSec max
F = 75 MHz, Vdd = +2.5 V, +2.8 V, +3.0 V or +3.3 V
F = 75 MHz, Vdd = +1.8 V
RMS Period Time (random)
0.5 pSec typ./ 0.8 pSec max
1.3 pSec typ. / 2.0 pSec max
F = 75 MHz, Integration bandwidth = 900 kHz to 7.5 MHz
F = 75 MHz, Integration bandwidth = 12.0 kHz to 20.0 MHz
Notes:
All min and max limits are specified over temperature and rated operating voltage with 15pF output unless otherwise stated.
Typical values are at +25ºC and nominal supply voltage.


Similar Part No. - IM830B

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM830B ILSI-IM830B Datasheet
734Kb / 9P
Pb-free, RoHS and REACH compliant
More results

Similar Description - IM830B

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
SMHF282R5S INTERPOINT-SMHF282R5S Datasheet
591Kb / 15P
Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
Frequency Stable over Temperature -55째C to 125째C
logo
MMD Components
IM801B MMD-IM801B Datasheet
623Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000 MHz
IM802B MMD-IM802B Datasheet
781Kb / 9P
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM810B MMD-IM810B Datasheet
521Kb / 8P
MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
IM811B MMD-IM811B Datasheet
540Kb / 7P
MEMS Oscillator, Ultra Performance, High Freq., LVCMOS/ HCMOS Compatible, 80.0 MHz to 220.0MHz
IM831B MMD-IM831B Datasheet
644Kb / 9P
MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM840B MMD-IM840B Datasheet
414Kb / 7P
Mems Oscillator, High Performance Differential Oscillator, LVPECL and LVDS 1.000 MHz to 220.000MHz
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com