Electronic Components Datasheet Search
  English  ▼

X  

AD5165 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5165
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5165 Datasheet HTML 5Page - Analog Devices AD5165 Datasheet HTML 6Page - Analog Devices AD5165 Datasheet HTML 7Page - Analog Devices AD5165 Datasheet HTML 8Page - Analog Devices AD5165 Datasheet HTML 9Page - Analog Devices AD5165 Datasheet HTML 10Page - Analog Devices AD5165 Datasheet HTML 11Page - Analog Devices AD5165 Datasheet HTML 12Page - Analog Devices AD5165 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD5165
Rev. 0 | Page 9 of 16
0.01
0.1
1
10
100
1000
01
23
4
5
VIH (1MHz) (V)
VDD = VA = 5V
VDD = VA = 2.7V
Figure 17. Supply Current vs. Digital Input Voltage
–20
–15
–10
–5
0
5
10
15
20
128
96
32
64
0
160
192
224
256
CODE (Decimal)
Figure 18. Rheostat Mode Tempco ∆RWB/∆T vs. Code
–8
–6
–4
–2
0
2
4
6
8
128
96
32
64
0
160
192
224
256
CODE (Decimal)
Figure 19. Potentiometer Mode Tempco ∆VWB/∆T vs. Code
1k
10k
100k
1M
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
REF LEVEL
0.000dB
/DIV
6.000dB
MARKER 54 089.173Hz
MAG (A/R)
–9.052dB
START 1 000.000Hz
STOP 1 000 000.000Hz
Figure 20. Gain vs. Frequency vs. Code, RAB = 100 kΩ
10k
10M
–5.5
–6.0
–6.5
–7.0
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
REF LEVEL
–5.000dB
/DIV
0.500dB
START 1 000.000Hz
STOP 1 000 000.000Hz
R = 100k
Ω
100k
Ω – 54kHz
Figure 21. –3 dB Bandwidth @ Code = 0x80
0
20
40
60
80
FREQUENCY (Hz)
1k
100
10k
100k
1M
CODE = 80H, VA = VDD, VB = 0V
PSRR @ VDD = 5V DC ± 10% p-p AC
PSRR @ VDD = 3V DC ± 10% p-p AC
Figure 22. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com