Electronic Components Datasheet Search
  English  ▼

X  

AD5165 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5165
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5165 Datasheet HTML 8Page - Analog Devices AD5165 Datasheet HTML 9Page - Analog Devices AD5165 Datasheet HTML 10Page - Analog Devices AD5165 Datasheet HTML 11Page - Analog Devices AD5165 Datasheet HTML 12Page - Analog Devices AD5165 Datasheet HTML 13Page - Analog Devices AD5165 Datasheet HTML 14Page - Analog Devices AD5165 Datasheet HTML 15Page - Analog Devices AD5165 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD5165
Rev. 0 | Page 15 of 16
LAYOUT AND POWER SUPPLY BYPASSING
It is good practice to employ compact, minimum lead length
layout design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with disk or chip ceramic
capacitors of 0.01 µF to 0.1 µF. Low ESR 1 µF to 10 µF tantalum
or electrolytic capacitors should also be applied at the supplies
to minimize any transient disturbance and low frequency ripple
(see Figure 42). Note that the digital ground should also be
joined remotely to the analog ground at one point to minimize
the ground bounce.
VDD
GND
VDD
C3
10
µF
C1
0.1
µF
AD5165
+
Figure 42. Power Supply Bypassing
EVALUATION BOARD
An evaluation board, along with all necessary software, is
available to program the AD5165 from any PC running
Windows® 98/2000/XP. The graphical user interface, as shown
in Figure 43, is straightforward and easy to use. More detailed
information is available in the user manual, which comes with
the board.
Figure 43. AD5165 Evaluation Board Software
The AD5165 starts at midscale upon power-up. To increment
or decrement the resistance, the user may move the scroll bars
on the left. To write any specific value, the user should use the
bit pattern in the upper screen and click the Run button. The
format of writing data to the device is shown in Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com