Electronic Components Datasheet Search
  English  ▼

X  

AD5165 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5165
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5165 Datasheet HTML 6Page - Analog Devices AD5165 Datasheet HTML 7Page - Analog Devices AD5165 Datasheet HTML 8Page - Analog Devices AD5165 Datasheet HTML 9Page - Analog Devices AD5165 Datasheet HTML 10Page - Analog Devices AD5165 Datasheet HTML 11Page - Analog Devices AD5165 Datasheet HTML 12Page - Analog Devices AD5165 Datasheet HTML 13Page - Analog Devices AD5165 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5165
Rev. 0 | Page 10 of 16
0
100
200
300
400
500
600
700
800
FREQUENCY (Hz)
10k
1M
100k
10M
VDD = 5V
CODE 55H
CODE FFH
Figure 23. IDD vs. Frequency
VW
CS
Ch 1
200mV BW Ch 2
5.00 V BW M 100ns A CH2 3.00 V
1
2
Figure 24. Large Signal Settling Time, Code 0xFF–0x00
VW
CLK
Ch 1
200mV BW Ch 2
5.00 V BW M 100ns A CH2 3.00 V
1
2
Figure 25. Digital Feedthrough
VW
CS
Ch 1
100mV BW Ch 2
5.00 V BW M 200ns A CH1 152mV
1
2
VA = 5V
VB = 0V
Figure 26. Midscale Glitch, Code 0x80–0x7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com