Electronic Components Datasheet Search
  English  ▼

X  

AD5543 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5543
Description  Current Output/ Serial Input, 16-/14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5543 Datasheet HTML 4Page - Analog Devices AD5543 Datasheet HTML 5Page - Analog Devices AD5543 Datasheet HTML 6Page - Analog Devices AD5543 Datasheet HTML 7Page - Analog Devices AD5543 Datasheet HTML 8Page - Analog Devices AD5543 Datasheet HTML 9Page - Analog Devices AD5543 Datasheet HTML 10Page - Analog Devices AD5543 Datasheet HTML 11Page - Analog Devices AD5543 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
AD5543/AD5553
APPLICATIONS
Stability
VDD
VREF
VREF
VDD
U2
U1
AD5543/AD5553
VO
GND
IOUT
RFB
AD8628
C1
Figure 7. Optional Compensation Capacitor for Gain
Peaking Prevention
In the I-to-V configuration, the IOUT of the DAC and the inverting
node of the op amp must be connected as close as possible, and
proper PCB layout technique must be employed. Since every code
change corresponds to a step function, gain peaking may occur
if the op amp has limited GBP and there is excessive parasitic
capacitance at the inverting node.
An optional compensation capacitor C1 can be added for stability
as shown in Figure 7. C1 should be found empirically but 20 pF
is generally adequate for the compensation.
Positive Voltage Output
To achieve the positive voltage output, an applied negative
reference to the input of the DAC is preferred over the output
inversion through an inverting amplifier because of the resistor’s
tolerance errors. To generate a negative reference, the reference
can be level-shifted by an op amp such that the VOUT and GND
pins of the reference become the virtual ground and –2.5 V
respectively, (see Figure 8).
VREF
VDD
U2
U1
AD5543/AD5553
VO
GND
IOUT
RFB
1/2AD8628
1/2AD8620
VOUT VIN
GND
V+
V–
+5V
–5V
ADR03
+5V
–2.5V
U3
U4
C1
0 < VO < +2.5
Figure 8. Positive Voltage Output Configuration
Bipolar Output
The AD5543/AD5553 is inherently a 2-quadrant multiplying
D/A converter. That is, it can easily be set up for unipolar output
operation. The full-scale output polarity is the inverse of the
reference input voltage.
In some applications, it may be necessary to generate the full
4-quadrant multiplying capability or a bipolar output swing. This
is easily accomplished by using an additional external amplifier
U4 configured as a summing amplifier (see Figure 9). In this
circuit, the second amplifier U4 provides a gain of 2 that increases
the output span magnitude to 5 V. Biasing the external amplifier
with a 2.5 V offset from the reference voltage results in a full
4-quadrant multiplying circuit. The transfer equation of this circuit
shows that both negative and positive output voltages are created
as the input data (D) is incremented from code zero (VOUT =
–2.5 V) to midscale (VOUT = 0 V) to full-scale (VOUT = +2.5 V).
VD
V
AD
OUT
REF
=×
(/
,
– )
(
)
32 768 1
5543
(3)
VD
V
AD
OUT
REF
=×
(/
,
– )
(
)
16 384
1
5553
(4)
For AD5543, the resistance tolerance becomes the dominant
error of which users should be aware.
VREF
VDD
U2
U1
AD5553 ONLY
VO
GND
IOUT
RFB
1/2AD8620
VOUT VIN
GND
ADR03
U3
1/2AD8620
V+
V–
+5V
–5V
+5V
U4
C1
–2.5 < VO < +2.5
C2
5k
0.01%
R3
R1
R2
10k
0.01% 10k
0.01%
+5V
Figure 9. Four-Quadrant Multiplying Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com