Electronic Components Datasheet Search
  English  ▼

X  

AD5543 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5543
Description  Current Output/ Serial Input, 16-/14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5543 Datasheet HTML 4Page - Analog Devices AD5543 Datasheet HTML 5Page - Analog Devices AD5543 Datasheet HTML 6Page - Analog Devices AD5543 Datasheet HTML 7Page - Analog Devices AD5543 Datasheet HTML 8Page - Analog Devices AD5543 Datasheet HTML 9Page - Analog Devices AD5543 Datasheet HTML 10Page - Analog Devices AD5543 Datasheet HTML 11Page - Analog Devices AD5543 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. A
AD5543/AD5553
–9–
Programmable Current Source
Figure 10 shows a versatile V-I conversion circuit using an
improved Howland Current Pump. In addition to the precision
current conversion it provides, this circuit enables a bidirec-
tional current flow and high voltage compliance. This circuit
can be used in 4 to 20 mA current transmitters with up to 500
Ω
of load. In Figure 10, it can be shown that if the resistor network is
matched, the load current is:
I
RR
R
R
VD
L
REF
=
+
()
××
23
1
3
/
(5)
R3 in theory can be made small to achieve the current needed
within the U3 output current driving capability. This circuit is
versatile such that AD8510 can deliver
±20 mA in both direc-
tions and the voltage compliance approaches 15 V, which is
limited mainly by the supply voltages of U3. However, users
must pay attention to the compensation. Without C1, it can be
shown that the output impedance becomes:
Z
RR R
R
RR
R
R
R
R
O =
+
()
+
()
+
()
13
1
2
12
3
1
2
3
'
'' –
'
(6)
If the resistors are perfectly matched, ZO is infinite, which is
desirable, and behaves as an ideal current source. On the other
hand, if they are not matched, ZO can be either positive or nega-
tive. Negative can cause oscillation. As a result, C1 is needed to
prevent the oscillation. For critical applications, C1 could be
found empirically, but typically falls in the range of few pF.
VREF
VDD
U2
U1
AD5543/AD5553
VL
GND
IOUT
RFB
AD8628
AD8510
V+
V–
VREF
LOAD
U3
VDD
VSS
R3
50
IL
VDD
C1
10pF
R3'
50
R2
15k
R1
150k
R2'
15k
R1'
150k
Figure 10. Programmable Current Source with Bidirec-
tional Current Control and High Voltage Compliance
Capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com