Electronic Components Datasheet Search
  English  ▼

X  

AD5543 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5543
Description  Current Output/ Serial Input, 16-/14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543 Datasheet(HTML) 1 Page - Analog Devices

  AD5543 Datasheet HTML 1Page - Analog Devices AD5543 Datasheet HTML 2Page - Analog Devices AD5543 Datasheet HTML 3Page - Analog Devices AD5543 Datasheet HTML 4Page - Analog Devices AD5543 Datasheet HTML 5Page - Analog Devices AD5543 Datasheet HTML 6Page - Analog Devices AD5543 Datasheet HTML 7Page - Analog Devices AD5543 Datasheet HTML 8Page - Analog Devices AD5543 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
AD5543/AD5553
Current Output/
Serial Input, 16-/14-Bit DAC
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
16-Bit Resolution AD5543
14-Bit Resolution AD5553
1 LSB DNL
2 LSB INL for AD5543
1 LSB INL for AD5553
Low Noise 12 nV/
√Hz
Low Power, IDD = 10
A
0.5
s Settling Time
4Q Multiplying Reference-Input
2 mA Full-Scale Current
20%, with VREF = 10 V
Built-in RFB Facilitates Voltage Conversion
3-Wire Interface
Ultracompact MSOP-8 and SOIC-8 Packages
APPLICATIONS
Automatic Test Equipment
Instrumentation
Digitally Controlled Calibration
Industrial Control PLCs
FUNCTIONAL BLOCK DIAGRAM
16-/14-BIT SHIFT
REGISTER
DAC
REGISTER
AD5543/AD5553
D/A
CONVERTER
VDD
VREF
RFB
IOUT
CS
CLK
SDI
GND
16 OR 14
16 OR 14
CONTROL
LOGIC
CODE
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 1. Integral Nonlinearity Error
FFFFH
START 10.000Hz
1k
100k
10
100
10k
1M
10M
8000H
4000H
1000H
0800H
0400H
0200H
0100H
0080H
0040H
0020H
0010H
0008H
0004H
0002H
0001H
0000H
STOP 50 000 000.000Hz
2000H
REF LEVEL
0.000dB
/DIV
12.000dB
MARKER 4 311 677.200Hz
MAG (A/R)
–2.939dB
Figure 2. Reference Multiplying Bandwidth
GENERAL DESCRIPTION
The AD5543/AD5553 are precision 16-/14-bit, low power,
current output, small form factor digital-to-analog converters.
They are designed to operate from a single 5 V supply with a
±10 V multiplying reference.
The applied external reference VREF determines the full-scale
output current. An internal feedback resistor (RFB) facilitates the
R-2R and temperature tracking for voltage conversion when
combined with an external op amp.
A serial-data interface offers high speed, 3-wire microcontroller
compatible inputs using serial data in (SDI), clock (CLK), and
chip select (
CS).
The AD5543/AD5553 are packaged in ultracompact
(3 mm
4.7 mm) MSOP-8 and SOIC-8 packages.


Similar Part No. - AD5543

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5543 AD-AD5543 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5543 AD-AD5543 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5543 AD-AD5543 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5543 AD-AD5543 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Similar Description - AD5543

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD7849 AD-AD7849 Datasheet
212Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com