Electronic Components Datasheet Search
  English  ▼

X  

NLAS7213 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS7213
Description  High-Speed USB 2.0 DPST Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS7213 Datasheet HTML 1Page - ON Semiconductor NLAS7213 Datasheet HTML 2Page - ON Semiconductor NLAS7213 Datasheet HTML 3Page - ON Semiconductor NLAS7213 Datasheet HTML 4Page - ON Semiconductor NLAS7213 Datasheet HTML 5Page - ON Semiconductor NLAS7213 Datasheet HTML 6Page - ON Semiconductor NLAS7213 Datasheet HTML 7Page - ON Semiconductor NLAS7213 Datasheet HTML 8Page - ON Semiconductor NLAS7213 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2014
November, 2014 − Rev. 5
1
Publication Order Number:
NLAS7213/D
NLAS7213
High-Speed USB 2.0
(480 Mbps) DPST Switch
The NLAS7213 is a DPST switch optimized for high−speed USB
2.0 applications within portable systems. It features ultra−low off
capacitance, COFF = 3.0 pF (typ), and a bandwidth above 1118 MHz. It
is optimized for applications that use a single USB interface connector
to route multiple signal types. The CON and RON of both switches are
suitably low to allow the NLAS7213 to pass any speed USB data or
audio signals going to a moderately resistive terminal such as an
external headset.
The NLAS7213 is protected on all pins with 8 kV
Human Body Model ESD protection. It is offered in a 1.5 x 1.5 mm
UQFN8 package.
Features
• RON: 8.5 W Max @ VCC = 3.3 V
• COFF: 3.0 pF Typ @ VCC = 3.3 V
• VCC Operating Range: 1.65 V to 4.5 V
• > 1118 MHz Bandwidth
• OVT up to 5.25 V on D+/D− Pins
• 1.5 x 1.5 x 0.55 mm UQFN8
• 8 kV ESD Protection on All Pins
• This is a Pb−Free Device
Typical Applications
• High Speed USB 2.0 Data
• Mobile Phones
• Portable Devices
Figure 1. Application Diagram
NLAS7213
HS
USB
XCVR
FS USB
XCVR or
AUDIO
AMP
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
UQFN8
(1.5 x 1.5 mm)
CASE 523AH
AA = Specific Device Code
M
= Date Code
G
= Pb−Free Package
AA M
G
G
1
1
8
(Note: Microdot may be in either location)
www.onsemi.com


Similar Part No. - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
More results

Similar Description - NLAS7213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
July 29, 2010
logo
NXP Semiconductors
NX3DV221 PHILIPS-NX3DV221 Datasheet
1Mb / 18P
High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
NX3DV221 NXP-NX3DV221 Datasheet
1Mb / 18P
High-speed USB 2.0 switch with enable
Rev. 2-9 November 2011
logo
Texas Instruments
BQ24392 TI1-BQ24392_16 Datasheet
992Kb / 22P
Dual SPST USB 2.0 High Speed Switch
BQ24392-Q1 TI1-BQ24392-Q1_16 Datasheet
992Kb / 22P
Dual SPST USB 2.0 High Speed Switch
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Savitech Corp.
SV7102 SAVITECH-SV7102 Datasheet
291Kb / 8P
Low Voltage, High-Speed USB 2.0 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com