Electronic Components Datasheet Search
  English  ▼

X  

NLAS7213 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLAS7213
Description  High-Speed USB 2.0 DPST Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS7213 Datasheet HTML 1Page - ON Semiconductor NLAS7213 Datasheet HTML 2Page - ON Semiconductor NLAS7213 Datasheet HTML 3Page - ON Semiconductor NLAS7213 Datasheet HTML 4Page - ON Semiconductor NLAS7213 Datasheet HTML 5Page - ON Semiconductor NLAS7213 Datasheet HTML 6Page - ON Semiconductor NLAS7213 Datasheet HTML 7Page - ON Semiconductor NLAS7213 Datasheet HTML 8Page - ON Semiconductor NLAS7213 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NLAS7213
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS
TIMING/FREQUENCY (Typical: T = 25
°C, VCC = 3.3 V, RL = 50 W, CL = 35 pF, f = 1 MHz)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
5C to +855C
Unit
Min
Typ
Max
tON
Turn−ON Time (Figures 6, 7)
1.65 − 4.5
−
13.0
30.0
ns
tOFF
Turn−OFF Time (Figures 6, 7)
1.65 − 4.5
−
12.0
25.0
ns
tPD
Propagation Delay
1.65 − 4.5
−
0.25
−
ns
BW
−3 dB Bandwidth
CL = 5 pF
1.65 − 4.5
−
1118
−
MHz
ISOLATION (Typical: T = 25
°C, VCC = 3.3 V, RL = 50 W, CL = 5 pF)
Symbol
Pins
Parameter
Test Conditions
−40
5C to +855C
Unit
Min
Typ
Max
OIRR
Open
OFF−Isolation
f = 240 MHz
−
−20
−
dB
XTALK
HSD+,
HSD−
Non−Adjacent Channel
Crosstalk
f = 240 MHz
−
−30
−
dB
CAPACITANCE (Typical: T = 25
°C, VCC = 3.3 V, f = 1 MHz)
Symbol
Pins
Parameter
Test Conditions
−40
5C to +855C
Unit
Min
Typ
Max
CIN
OE
Control Pin Input Capacitance
VIS = 3.3 Vp−p, VCC = 0 V
−
2.0
−
pF
CON
I/O to
GND
ON Capacitance
VIS = 3.3 Vp−p, OE = 0 V
−
3.0
−
pF
COFF
I/O to
GND
OFF Capacitance
VIS = 3.3 Vp−p, OE = 3.3 V
−
3.0
−
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com