Electronic Components Datasheet Search
  English  ▼

X  

NLAS7213 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS7213
Description  High-Speed USB 2.0 DPST Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS7213 Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS7213 Datasheet HTML 1Page - ON Semiconductor NLAS7213 Datasheet HTML 2Page - ON Semiconductor NLAS7213 Datasheet HTML 3Page - ON Semiconductor NLAS7213 Datasheet HTML 4Page - ON Semiconductor NLAS7213 Datasheet HTML 5Page - ON Semiconductor NLAS7213 Datasheet HTML 6Page - ON Semiconductor NLAS7213 Datasheet HTML 7Page - ON Semiconductor NLAS7213 Datasheet HTML 8Page - ON Semiconductor NLAS7213 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NLAS7213
www.onsemi.com
2
Figure 2. Pin Connections and Logic Diagram
(Top View)
NC
HSD+
D+
GND
VCC
OE
HSD−
D−
6
7
3
1
84
5
2
Table 1. PIN DESCRIPTION
Pin
Function
OE
Control Input Select Line
HSD+, HSD−, D+, D−
Data Ports
Table 2. TRUTH TABLE
OE
Both Switches
1
0
OPEN
CLOSED
MAXIMUM RATINGS
Symbol
Pins
Parameter
Value
Unit
VCC
VCC
Positive DC Supply Voltage
−0.5 to +4.6
V
VIS
HSD+, HSD−
Analog Signal Voltage
−0.5 to VCC + 0.3
V
D+, D−
−0.5 to +5.25
VIN
OE
Control Input Voltage
−0.5 to +4.6
V
ICC
VCC
Positive DC Supply Current
50
mA
TS
Storage Temperature
−65 to +150
°C
IIS_CON
HSD+, HSD−,
D+, D−
Analog Signal Continuous Current−Closed Switch
$300
mA
IIS_PK
HSD+, HSD−,
D+, D−
Analog Signal Continuous Current 10% Duty Cycle
$500
mA
IIN
OE
Control Input Current
$20
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Pins
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
4.5
V
VIS
HSD+, HSD−
Analog Signal Voltage
GND
VCC
V
D+, D−
GND
4.5
VIN
OE
Digital Select Input Voltage
GND
VCC
V
TA
Operating Temperature Range
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
ESD PROTECTION
Symbol
Parameter
Value
Unit
ESD
Human Body Model − All Pins
8.0
kV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com