Electronic Components Datasheet Search
  English  ▼

X  

SA-5000 Datasheet(PDF) 1 Page - Copal Electronics

Part # SA-5000
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5000 Datasheet(HTML) 1 Page - Copal Electronics

  SA-5000 Datasheet HTML 1Page - Copal Electronics SA-5000 Datasheet HTML 2Page - Copal Electronics SA-5000 Datasheet HTML 3Page - Copal Electronics SA-5000 Datasheet HTML 4Page - Copal Electronics SA-5000 Datasheet HTML 5Page - Copal Electronics SA-5000 Datasheet HTML 6Page - Copal Electronics SA-5000 Datasheet HTML 7Page - Copal Electronics SA-5000 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UL94HB
■ FEATURES
O RoHS compliant
O Washable
O Easy pulling-up or pulling-off (A & B type)
O PC board space saving due to contained resistor/diode
O No need of cross pattern P.C.B. design
Part name
①
②
③
④
⑤
⑥
Insert rotor
Contact
Terminal pin
Base
“O” ring
Contact holder
Material
Flammability
—
UL94HB
—
Silicone rubber
Copper alloy, Gold-plated
Polybutyleneterephthalate
Polybutyleneterephthalate
Copper alloy, Sn-Cu-plated
—
Rotor : Polyoxymethylene
Pattern : Copper alloy, Gold-plated
⑦ Diode
Chip resistor
⑧ Resistor
⑨ Board
Gold-plated epoxy board, Gold-plated
⑩ Housing
UL94HB
Polybutyleneterephthalate
INTERNAL STRUCTURE
O C and D type: Built-in diodes (Housing color Black)
When using more than one code switch arranged as a code of
plural figures, the digital circuit makes a comparison of signals
received through a line called a common bus line as its own
method. For this, it is necessary to connect a diode for preventing
reverse current to the middle of output terminal of each switch and
a bus line. The product is a hybrid switch integrating such a diode.
Diodes of C and D types are set in a reverse direction.
The “SA-5000 Series” are divided into 3 types
according to the kind of a built-in circuit.
O A type: Built-in resistors (Housing color Yellow)
In order to use conventional code switches in a digital circuit, pull-
up or pull-down resistors must be connected externally. This type
contains these resistors.
O B type: Pulling-up resistors and built-in diodes
(Housing color
Red)
SA-5000
ROTARY CODED SWITCHES
①
②
③
④
⑤
⑥
⑦
⑧
⑨
⑩
RoHS compliant


Similar Part No. - SA-5000

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
SA-5082 PROTECHSYSTEMS-SA-5082 Datasheet
499Kb / 2P
Intel짰 Atom??D525 Book Size PC
More results

Similar Description - SA-5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
ROTARY CODED SWITCHES
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com