Electronic Components Datasheet Search
  English  ▼

X  

SA-5000 Datasheet(PDF) 6 Page - Copal Electronics

Part # SA-5000
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5000 Datasheet(HTML) 6 Page - Copal Electronics

  SA-5000 Datasheet HTML 1Page - Copal Electronics SA-5000 Datasheet HTML 2Page - Copal Electronics SA-5000 Datasheet HTML 3Page - Copal Electronics SA-5000 Datasheet HTML 4Page - Copal Electronics SA-5000 Datasheet HTML 5Page - Copal Electronics SA-5000 Datasheet HTML 6Page - Copal Electronics SA-5000 Datasheet HTML 7Page - Copal Electronics SA-5000 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O SA-5010AE~DE
O SA-5030AE~DE
Top setting
O SA-5050AE~DE
O SA-5070AE~DE
Top setting
O SA-5110AE~DE
O SA-5130AE~DE
Top setting
O SA-5150AE~DE
O SA-5170AE~DE
Top setting
9.5
0.7 W
× 3.2 L × 1 D
Part No., Production date code &
Lead-free Identification mark
3.3
11
8
7
10.16
0.7 W
× 3.2 L × 1 D
E
D
C
B
9.5
3.3
11
10.16
Part No., Production date code &
Lead-free Identification mark
0.7 W
× 1 D
8
7
9.5
3.3
11
10.16
Straight knurl
6.6
Part No., Production date code &
Lead-free Identification mark
0.7 W
× 1 D
9.5
3.3
11
10.16
Straight knurl
6.6
E
D
C
B
Part No., Production date code &
Lead-free Identification mark
SA-5000
ROTARY CODED SWITCHES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com