Electronic Components Datasheet Search
  English  ▼

X  

SA-5000 Datasheet(PDF) 5 Page - Copal Electronics

Part # SA-5000
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5000 Datasheet(HTML) 5 Page - Copal Electronics

  SA-5000 Datasheet HTML 1Page - Copal Electronics SA-5000 Datasheet HTML 2Page - Copal Electronics SA-5000 Datasheet HTML 3Page - Copal Electronics SA-5000 Datasheet HTML 4Page - Copal Electronics SA-5000 Datasheet HTML 5Page - Copal Electronics SA-5000 Datasheet HTML 6Page - Copal Electronics SA-5000 Datasheet HTML 7Page - Copal Electronics SA-5000 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Complemen-
tary code
SA-5000
ROTARY CODED SWITCHES
■ CODE FORMAT
No. of positions
16 positions
10 positions
Position
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
Code
Real code
8
4
2
1
8
4
2
1
O ···Contact closed
■ TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
(Unit: mm)
■ DIODE CHARACTERISTICS
Material
Structure
Maximum rating
Forward voltage
Reverse voltage
Reverse current
Silicone diode
Epitaxial planar type
DC reverse voltage
VR
40 V
Peak reverse voltage (peak) VRM
40 V
DC forward current
IF
100 mA
Peak forward current
IFM
225 mA
1.2 V maximum IF=100 mA
0.6 V standard IF=1 mA
VR=40 V 100
μA
IR=100 nA 35 V
Top setting
Side setting
Terminal pin layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
8 4 2 1
C
Real code
8 4 21
Complementary code
2.54
±0.1 6 – 0.8 hole
C
P
P
8 4 2 1
C
8 4 2 1
C
PP
Operating face
of real code
Operating face of
complementary code
2.54
±0.1
Operating face
SA – 5000 case
SA – 5000 case
φ
6 –
0.8 hole
φ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com