Electronic Components Datasheet Search
  English  ▼

X  

LTC3401 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3401
Description  1A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3401 Datasheet HTML 5Page - Linear Technology LTC3401 Datasheet HTML 6Page - Linear Technology LTC3401 Datasheet HTML 7Page - Linear Technology LTC3401 Datasheet HTML 8Page - Linear Technology LTC3401 Datasheet HTML 9Page - Linear Technology LTC3401 Datasheet HTML 10Page - Linear Technology LTC3401 Datasheet HTML 11Page - Linear Technology LTC3401 Datasheet HTML 12Page - Linear Technology LTC3401 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC3401
3401fa
APPLICATIO S I FOR ATIO
Burst Mode operation is user controlled by driving the
MODE/SYNC pin high to enable and low to disable. It is
recommended that Burst Mode operation be entered after
the part has started up.
COMPONENT SELECTION
Inductor Selection
The high frequency operation of the LTC3401 allows the
use of small surface mount inductors. The minimum
inductance value is proportional to the operating fre-
quency and is limited by the following constraints:
L
f
H and L
VV
V
f Ripple V
H
IN MIN
OUT MAX
IN MIN
OUT MAX
>µ
>
()
3
()
(
)
()
()
•–
••
where
f = Operating Frequency (Hz)
Ripple = Allowable Inductor Current Ripple (A)
VIN(MIN) = Minimum Input Voltage (V)
VOUT(MAX) = Maximum Output Voltage (V)
The inductor current ripple is typically set to 20% to 40%
of the maximum inductor current.
For high efficiency, choose an inductor with a high fre-
quency core material, such as ferrite, to reduce core
losses. The inductor should have low ESR (equivalent
series resistance) to reduce the I2R losses and must be
able to handle the peak inductor current at full load without
saturating. Molded chokes or chip inductors usually do
not have enough core to support the peak inductor cur-
rents in the 1A to 2A region. To minimize radiated noise,
use a toroid, pot core or shielded bobbin inductor. See
Table 1 for a list of component suppliers.
VOUT
3401 F01
Rt
MODE
VIN
SW
GND
SHDN
VC
FB
VOUT
PGOOD
Figure 1. Recommended Component Placement. Traces
Carrying High Current Are Direct. Trace Area FB and VC Pins
Are Kept Low. Lead Length to Battery Should be Kept Short
Output Capacitor Selection
The output voltage ripple has several components. The
bulk value of the capacitor is set to reduce the ripple due
to charge into the capacitor each cycle. The max ripple due
to charge is given by:
VR
IV
CV
f
V
BULK
PIN
OUT
OUT
=
•
••
where
IP = Peak Inductor Current
The ESR can be a significant factor for ripple in most power
converters. The ripple due to capacitor ESR is simply given
by:
VRCESR = IP • RESR V
where
RESR = Capacitor Series Resistance
Low ESR capacitors should be used to minimize output
voltage ripple. For surface mount applications, AVX TPS
series tantalum capacitors, Sanyo POSCAP, or Taiyo-
Yuden ceramic capacitors are recommended. For through-
hole applications Sanyo OS-CON capacitors offer low ESR
in a small package size. See Table 2 for a list of component
suppliers.
Table 1. Inductor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
Coiltronics
(516) 241-7876
(516) 241-9339
www.coiltronics.com
Murata
(814) 237-1431
(814) 238-0490
www.murata.com
(800) 831-9172
Sumida
USA: (847) 956-0666
(847) 956-0702
www.japanlink.com
Japan: 81-3-3607-5111 81-3-3607-5144
sumida
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Taiyo Yuden
(408) 573-4150
(408) 573-4159
www.t-yuden.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com