Electronic Components Datasheet Search
  English  ▼

X  

LTC3401 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3401
Description  1A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 3 Page - Linear Technology

  LTC3401 Datasheet HTML 1Page - Linear Technology LTC3401 Datasheet HTML 2Page - Linear Technology LTC3401 Datasheet HTML 3Page - Linear Technology LTC3401 Datasheet HTML 4Page - Linear Technology LTC3401 Datasheet HTML 5Page - Linear Technology LTC3401 Datasheet HTML 6Page - Linear Technology LTC3401 Datasheet HTML 7Page - Linear Technology LTC3401 Datasheet HTML 8Page - Linear Technology LTC3401 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3401
3401fa
The q denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Low Voltage
IPGOOD = 1mA
0.1
0.2
V
VOUT = 1V, IPGOOD = 20µA
0.1
0.4
V
PGOOD Leakage
VPGOOD = 5.5V
0.01
1
µA
SHDN Input High
VSHDN = VIN = VOUT
1V
SHDN Input Low
0.4
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
µA
Thermal Shutdown
170
°C
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3401 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current is measured into VOUT since the supply current is
bootstrapped to the VOUT pin and in the application will reflect to the input
supply by (VOUT/VIN) • Efficiency. The outputs are not switching.
Note 4: Once the output is started, the IC is not dependant upon the VIN
supply.
Switching Waveform on SW Pin
TYPICAL PERFOR A CE CHARACTERISTICS
SW Pin and Inductor Current (IC)
in Discontinuous Mode. Ringing
Control Circuitry Eliminates High
Frequency Ringing
Transient Response 5mA to 50mA
SW
1V/DIV
50ns/DIV
3401 G01
SW
1V/DIV
200ns/DIV
3401 G02
0V
0A
IL
50mA/DIV
IOUT
COUT = 22µF
200
µs/DIV
3401 G03
L = 3.3
µH
fOSC = 1MHz
VOUT
100mV/DIV
50mA
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com