Electronic Components Datasheet Search
  English  ▼

X  

LTC3401 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3401
Description  1A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3401 Datasheet HTML 7Page - Linear Technology LTC3401 Datasheet HTML 8Page - Linear Technology LTC3401 Datasheet HTML 9Page - Linear Technology LTC3401 Datasheet HTML 10Page - Linear Technology LTC3401 Datasheet HTML 11Page - Linear Technology LTC3401 Datasheet HTML 12Page - Linear Technology LTC3401 Datasheet HTML 13Page - Linear Technology LTC3401 Datasheet HTML 14Page - Linear Technology LTC3401 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC3401
3401fa
APPLICATIO S I FOR ATIO
A logic level feed forward signal, VFF, is coupled through
components C5 and R6. The amount of feed forward
signal is attenuated with resistor R6 and is given by the
following relationship:
R
VR
V
VI
R
FF
IN
OUT
OUT
6
51 5
5
≈ 


••
• .
•
–
∆
where
∆IOUT = load current change.
where COUT is the output filter capacitor.
The output filter zero is given by:
f
RC
Hz
FILTERZERO
ESR
OUT
=
1
2•
•
•
π
where RESR is the capacitor equivalent series resistance.
A troublesome feature of the boost regulator topology is
the right half plane zero (RHP) and is given by:
f
VR
LV
Hz
RHPZ
IN
O
O
=
2
2
2
•
•• •
π
At heavy loads this gain increase with phase lag can occur
at a relatively low frequency. The loop gain is typically
rolled off before the RHP zero frequency.
The typical error amp compensation is shown in Figure 4.
The equations for the loop dynamics are as follows:
f
C
Hz
which is extremelyclose to DC
f
RC
Hz
f
RC
Hz
POLE
C
ZERO
ZC
POLE
ZC
1
6
1
1
1
2
2
1
220 10
1
2
1
2
≈
=
≈
••
•
•
••
•
••
•
π
π
π
Closing the Feedback Loop
The LTC3401 uses current mode control with internal
adaptive slope compensation. Current mode control elimi-
nates the 2nd order filter due to the inductor and output
capacitor exhibited in voltage mode controllers, and sim-
plifies it to a single-pole filter response. The product of the
modulator control to output DC gain plus the error amp
open-loop gain equals the DC gain of the system.
GDC = GCONTROLOUTPUT • GEA
G
V
I
CONTROL
IN
OUT
=
2•
, GEA ≈ 2000
The output filter pole is given by:
f
I
VC
Hz
FILTERPOLE
OUT
OUT
OUT
=
π ••
Figure 3
3
10
2
6
1
3404 F03
LTC3401
VIN
SHDN
MODE/SYNC
PGOOD
Rt
SW
VOUT
FB
VC
GND
4
7
8
9
5
R5
C3
LOAD FEED
FORWARD
SIGNAL
VFF
R6
C5
3.3nF
VIN
VOUT
Refer to Application Note AN-76 for more closed loop
examples.
Figure 4
–
+
1.25V
FB
ERROR
AMP
VOUT
8
VC
CC1
CC2
3401 F04
RZ
R2
R1
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com