Electronic Components Datasheet Search
  English  ▼

X  

LTC4350 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4350
Description  Hot Swappable Load Share Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350 Datasheet(HTML) 3 Page - Linear Technology

  LTC4350 Datasheet HTML 1Page - Linear Technology LTC4350 Datasheet HTML 2Page - Linear Technology LTC4350 Datasheet HTML 3Page - Linear Technology LTC4350 Datasheet HTML 4Page - Linear Technology LTC4350 Datasheet HTML 5Page - Linear Technology LTC4350 Datasheet HTML 6Page - Linear Technology LTC4350 Datasheet HTML 7Page - Linear Technology LTC4350 Datasheet HTML 8Page - Linear Technology LTC4350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC4350
4350fa
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
ICC vs VCC
VCC (V)
02
1.0
2.0
3.5
4
8
10
4350 G01
1.5
3.0
2.5
6
12
14
TA = 25°C
TEMPERATURE (°C)
–50
1.66
1.64
1.62
1.60
1.58
1.56
1.54
25
75
4350 G02
–25
0
50
100
VCC = 5V
VCC (V)
02
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
4
8
10
4350 G03
6
12
14
TA = 25°C
ICC vs Temperature
UV Threshold vs VCC
UV Threshold vs Temperature
OV Threshold vs VCC
OV Threshold vs Temperature
TEMPERATURE (°C)
–50
1.255
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
–25
025
50
4350 G04
75
100
VCC = 5V
VCC (V)
02
1.222
1.220
1.218
1.216
1.214
1.212
1.210
1.208
1.206
1.204
1.202
4
8
10
4350 G05
6
12
14
TA = 25°C
TEMPERATURE (°C)
–50
1.225
1.220
1.215
1.210
1.205
1.200
–25
025
50
4350 G06
75
100
VCC = 5V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: R+ and R– could be at 17V while VCC = 0V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
VRSET(MAX) RSET Pin Maximum Voltage
VCC = 3.3V, RSET = 100Ω
●
0.94
1
1.03
V
VCC = 12V, RSET = 100Ω
●
0.94
1
1.03
V
VRSET(MIN)
RSET Pin Minimum Voltage
VCC = 5V, RSET = 1000Ω
●
0.001
0.5
V
VCC = 5V, RSET = 100Ω
●
0.001
0.5
V
IRSET(MAX)
RSET Pin Maximum Current
RSET = 50Ω, VIOUT = 1.1V
●
18
20
21
mA
VRCTH
Reverse Current Threshold
VR+ – VR+
●
10
30
40
mV
∆VGATE
External N-Channel Gate Drive
VGATE – VCC
●
10.8
12
12.7
V
IGATE
GATE Pin Current
Gate On, VGATE = 0V
●
–8
–10
– 12
µA
VSOL
STATUS Pin Output Low
IOUT = 3mA
●
0.1
0.3
1.2
V
Note 3: An internal clamp limits the GATE pin to a minimum of 10.8V
above VCC. Driving this pin to voltages beyond the clamp may damage the
part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com