Electronic Components Datasheet Search
  English  ▼

X  

LTC4350 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4350
Description  Hot Swappable Load Share Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350 Datasheet(HTML) 5 Page - Linear Technology

  LTC4350 Datasheet HTML 1Page - Linear Technology LTC4350 Datasheet HTML 2Page - Linear Technology LTC4350 Datasheet HTML 3Page - Linear Technology LTC4350 Datasheet HTML 4Page - Linear Technology LTC4350 Datasheet HTML 5Page - Linear Technology LTC4350 Datasheet HTML 6Page - Linear Technology LTC4350 Datasheet HTML 7Page - Linear Technology LTC4350 Datasheet HTML 8Page - Linear Technology LTC4350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC4350
4350fa
PI FU CTIO S
COMP2 (Pin 5): Analog Output Pin. This pin is the output
of the share bus error amplifier E/A2. (A compensation
capacitor between this pin and ground sets the crossover
frequency for the power supply adjustment loop.) In most
cases, this pin operates between 0.5V to 1.5V and repre-
sents a diode voltage up from the voltage at the RSET pin.
It is clamped at 3V. During start-up, this pin is clamped to
ground. After a timer cycle (and if the GATE pin is high), the
COMP2 pin is released.
COMP1 (Pin 6): Analog Output Pin. This pin is the output
of the voltage regulating error amplifier E/A1. A compen-
sation capacitor between this pin and ground sets the
crossover frequency of the share bus loop. This pin
operates a diode voltage up from the voltage at the SB pin
and is clamped at 8.4V.
SB (Pin 7): Analog Output Pin. This pin drives the share
bus used to communicate the value of shared load current
between several power supplies. There is an amplifier that
drives this pin a diode below the COMP1 pin using an
internal NPN as a pull-up and a 20k resistor as a pull-down.
GND (Pin 8): Chip Ground.
FB (Pin 9): Analog Error Amplifier Input (E/A1). This pin is
used to monitor the output supply voltage with an external
resistive divider. The FB pin voltage is compared to 1.220V
reference. The difference between the FB pin voltage and
the reference is amplified and output on the COMP1 pin.
RSET (Pin 10): Analog Output Pin. The IOUT amplifier
converts the voltage at the COMP2 pin (down a diode
voltage) to the RSET pin. Therefore, the current through the
external resistor (RSET) placed between the RSET pin and
ground is (COMP2 – VDIODE)/RSET. This current is used to
adjust the output voltage.
IOUT (Pin 11): Analog Output Pin. The current flowing into
the IOUT pin is equal to the current flowing out of the RSET
pin that was set by the external resistor RSET. This current
is used to adjust the output supply voltage by modifying
the voltage sensed by the power supply’s internal voltage
feedback circuitry.
R– (Pin 12): Analog Input Pin. With a sense resistor placed
in the supply path between the R+ and R– pins, the power
supply current is measured as a voltage drop between R+
and R–. This voltage is measured by the ISENSE block and
multiplied at the GAIN pin.
R+ (Pin 13): Analog Input Pin. With a sense resistor placed
in the supply path between the R+ and R– pins, the power
supply current is measured as a voltage drop between R+
and R–. This voltage is measured by the ISENSE block and
multiplied at the GAIN pin.
GATE (Pin14): The high side gate drive for the external
N-Channel power FET. An internal charge pump provides
the gate drive necessary to drive the FETs. The slope of the
voltage rise or fall at the GATE is set by an external
capacitor connected between GATE and GND, and the
10µA charge pump output current. When the undervoltage
lockout circuit monitoring VCC trips, the OV pin is pulled
high or the UV pin is pulled low, the GATE pin is immedi-
ately pulled to GND.
STATUS (Pin 15): Open-Drain Digital Output. The STA-
TUS pin has an open-drain output to GND. This pin is
pulled low to indicate a fault has occurred in the system.
There are three types of faults. The first is a undervoltage
lockout on VCC or the UV pin is low while the output
voltage is active. The second is when the COMP2 pin is
above 1.5V or below 0.5V and the voltage on the GAIN pin
is greater than 100mV. The final failure is when the OV pin
is high. The three faults will activate the pull-down on the
STATUS pin after a timing cycle.
VCC (Pin 16): The Positive Supply Input, Ranging from
3.3V to 12V for Normal Operation. ICC is typically 1.6mA.
An undervoltage lockout circuit disables the chip until the
voltage at VCC is greater than 2.47V. A 0.1µF bypass
capacitor is required on the VCC pin. If the VCC pin is tied
to the same power supply output that is being adjusted,
then a 51Ω decoupling resistor is needed to hold up the
supply during a short to ground on the supply output. VCC
must be greater than or equal to the supply that is
connected to the R+ and R– pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com