Electronic Components Datasheet Search
  English  ▼

X  

LTC4350 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4350
Description  Hot Swappable Load Share Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4350 Datasheet(HTML) 4 Page - Linear Technology

  LTC4350 Datasheet HTML 1Page - Linear Technology LTC4350 Datasheet HTML 2Page - Linear Technology LTC4350 Datasheet HTML 3Page - Linear Technology LTC4350 Datasheet HTML 4Page - Linear Technology LTC4350 Datasheet HTML 5Page - Linear Technology LTC4350 Datasheet HTML 6Page - Linear Technology LTC4350 Datasheet HTML 7Page - Linear Technology LTC4350 Datasheet HTML 8Page - Linear Technology LTC4350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC4350
4350fa
PI FU CTIO S
TYPICAL PERFOR A CE CHARACTERISTICS
FB vs VCC
FB vs Temperature
Gain PIn Voltage vs VCC
Gain Pin Voltage vs Temperature
∆VGATE vs VCC
∆VGATE vs Temperature
VCC (V)
02
1.210
1.230
4
8
10
4350 G07
1.215
1.225
1.220
6
12
14
TA = 25°C
TEMPERATURE (°C)
–50
1.210
1.215
1.220
1.225
1.230
–25
025
50
4350 G08
75
100
VCC = 5V
VCC (V)
02
2.2
2.4
2.7
4
8
10
4350 G09
2.3
2.6
2.5
6
12
14
RGAIN = 25k
(VR
+ – V
R
–) = 100mV
TA = 25°C
TEMPERATURE (°C)
–50
2.2
2.3
2.4
2.5
2.6
2.7
–25
025
50
4350 G10
75
100
RGAIN = 25k
(VR
+ – V
R
–) = 100mV
VCC = 5V
VCC (V)
0
10
11
13
610
4350 G11
9
8
24
812
14
7
6
12
TA = 25°C
TEMPERATURE (°C)
–50
11.0
11.5
12.0
12.5
13.0
–25
025
50
4350 G12
75
100
VCC = 5V
UV (Pin 1): Undervoltage Pin. The threshold is set at
1.244V with a 24mV hysteresis. When the UV pin is pulled
high, the charge pump ramps the GATE pin. When the UV
pin is pulled low, the GATE pin will be pulled low.
OV (Pin 2): Overvoltage Pin. The threshold is set at 1.220V
with a 15mV hysteresis. When the OV pin is pulled high,
the GATE pin is pulled low. After a timer cycle, the STATUS
pin is pulled low until the OV pin is pulled low.
TIMER (Pin 3): Analog System Timing Generator Pin. This
pin is used to set the delay before the load sharing turns
on after the UV pin goes high. The other use for the TIMER
pin is to delay the indication of a fault on the STATUS pin.
When the timer is off, an internal N-channel shorts the
TIMER pin to ground. When the timer is turned on, a 2µA
or 6µA timer current (ITIMER) from VCC is connected to the
TIMER pin and the voltage starts to ramp up with a slope
given by: dV/dt = ITIMER/CT. When the voltage reaches the
trip point (1.220V), the timer will be reset by pulling the
TIMER pin back to ground. The timer period is given by:
(1.220V • CT)/ITIMER.
GAIN (Pin 4): Analog Output Pin. The voltage across the
R+ and R– pins is divided by a 1k resistor and sourced as
a current from the GAIN pin. An external resistor on the
GAIN pin determines the voltage gain from the current
sense resistor to the GAIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com