Electronic Components Datasheet Search
  English  ▼

X  

SSR812 Datasheet(PDF) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR812
Description  Reset Circuits with Manual Reset Input
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR812 Datasheet(HTML) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SSR812 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Data
Reset Circuits with Manual Reset Input
Data Sheet N1594 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR811/SSR812
Application Information
NEGATIVE-GOING VCC TRANSIENTS
In addition to issuing a reset to the μP during power-up, power-down, and brownout conditions, SSR811 series
are relatively resistant to short-duration negative-going VCC transient.
ENSURING A VALID RESET OUTPUT DOWN TO VCC=0
When VCC falls below 0.9V, SSR811 RESET
———————
output no longer sinks current; it becomes an open circuit. In
this case, high-impedance CMOS logic inputs connecting to RESET
———————
can drift to undetermined voltages.
Therefore, SSR811/SSR812 with CMOS is perfect for most applications of VCC below 0.9V. However in
applications where RESET
———————
must be valid down to 0V, adding a pull-down resistor to RESET
———————
causes any
leakage currents to flow to ground, holding RESET
———————
low.
INTERFACING TO μP WITH BIDIRECTIONAL RESET PINS
μPs with bidirectional reset pins can contend with SSR811/812 reset outputs. If SSR811 RESET
———————
output is
asserted high and the μP wants to pull it low, indeterminate logic levels may occur. To correct such cases,
connect a resistor between SSR811 RESET
———————
(or SSR812 RESET
———————
) output and the μP reset I/O. Buffer the
reset output to other system components.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com