Electronic Components Datasheet Search
  English  ▼

X  

SSR812 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR812
Description  Reset Circuits with Manual Reset Input
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR812 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR812 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR812 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Technical Data
Reset Circuits with Manual Reset Input
Data Sheet N1594 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR811/SSR812
Description:
SSR811/SSR812 are low-power microprocessor (μP) supervisory circuits used to monitor power
supplies in μP and digital systems. They provide applications with benefits of circuit reliability and low
cost by eliminating external components. SSR811/SSR812 also offer a manual reset input.
These devices perform as valid singles in applications with Vcc ranging from 6.0V down to 0.9V. The
reset signal lasts for a minimum period of 140ms whenever VCC supply voltage falls below preset
threshold. Both SSR811 and SSR812 were designed with a reset comparator to help identify invalid
signals, which last less than 140ms. The only difference between them is that they have an active-low
R E SET
————————
output and active-high RESET output, respectively.
Low supply current (1μA) makes SSR811/SSR812 ideal for portable equipment. The devices are
available in SOT-23-5 package.
Features:
•
Ultra Low Supply Current 1μA(typ.)
•
Guaranteed Reset Valid to Vcc=0.9V
•
Available in two Output Types: Push-Pull Active Low (SSR811), Push-Pull Active High
(SSR812)
•
140ms Min. Power-On Reset Pulse Width
•
Internally Fixed Threshold 2.3V, 2.6V, 2.7V, 2.9V, 3.1V, 4.0V, 4.4V, and 4.6V
•
Tight Voltage Threshold Tolerance: 1.5%
•
Low Profile Package: SOT-23-5.
Applications:
•
Notebook Computers
•
Digital Still Cameras
•
PDAs
•
Critical Microprocessor Monitoring
Typical application circuit:


Similar Part No. - SSR812

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SSR810P SMC-SSR810P Datasheet
282Kb / 10P
3-Pin Microprocessor Reset Circuits
More results

Similar Description - SSR812

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
Reset Circuits with Manual Reset Input
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
Manual Reset Input Option
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
Reset Circuits with Long Manual Reset Setup Period
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com