Electronic Components Datasheet Search
  English  ▼

X  

WS2596B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WS2596B
Description  High Efficiency Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS2596B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WS2596B Datasheet HTML 1Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 2Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 3Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 4Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 5Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 6Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 7Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 8Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/9
WS2596B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Block Diagram
Ordering Information
Package
Marking
Part Number
7-Pin SOP-7,Pb-free
WS2596BS7P
WS2596BS7P
Recommended Operating Condition
Parameter
Value
Unit
Supply Voltage (VCC)
7~18
V
Operating temperature
-20~85
℃
Absolute Maximum Ratings
Parameter
Limit
Unit
Supply Voltage(VCC)
30
V
FB pin voltage (FB)
-40~10
V
Other pins voltage (CS,E,OUT)
-0.3~7
V
OUT pin output current
Internal limited
A
Maximum junction temperature
150
℃
Storage temperature range
-65~150
℃
Thermal resistance junction to ambient
250
℃
/W
VCBO
700
V
VCEO
450
V
ICM
400
mA
Note 1:Stresses beyond those listed under “ absolute maximum ratings” may cause permanent damage to the device. Under
“
recommended operating conditions” the device operation is assured, but some particular parameter may not be achieved.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com