Electronic Components Datasheet Search
  English  ▼

X  

WS2596B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS2596B
Description  High Efficiency Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS2596B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS2596B Datasheet HTML 1Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 2Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 3Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 4Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 5Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 6Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 7Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 8Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/9
WS2596B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
ESD Parameter
Symbol
Parameter
Value
Unit
VESD_HBM
Human Body Model
2000
V
VESD_MM
Machine Model
200
V
Electrical Characteristics
Conditions:VCC=15V,T=25℃.( unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Start-up section
Start-up voltage threshold
UVLO_on
14
16.3
18
V
UVLO threshold
UVLO_off
3.4
4.2
5
V
VCCOVP threshold
VCC_OVP
18.7
V
VCC Clamp
VCC_clamp
18.1
V
VCC Clamp current
I_clamp
5
mA
Start-up current
Istart
VCC=Vstu-0.5V
0.2
3
uA
Operating current
IVCC
Static
500
uA
Driver section
Output source current
Isourceh
CS=0.4V
34
40
46
mA
Output source current
Isourceh
CS=0V
10
mA
Output source current,
Vcs>Vocp80%
Isourcel
Vout=2V
2.1
mA
Sink current
Isink
VCC=15V OUT=1V
250
mA
Current Sense section
CS comparator threshold
Vocp
Load>40%
480
500
520
mV
80%CS comparator threshold
Vocp80%
430
mV
CS comparator threshold
Vocp
Load<30%
330
mV
80%CS comparator threshold
Vocp80%
280
mV
Schottky barrier diode short
protection threshold
FOCP
1.5
V
Leading Edge Blanking time
Tleb
800
ns
Maximum Off time
Toff_max
18
ms
Feedback Section
Feedback threshold voltage
Vs&href
3.94
4
4.06
V
Output OVP
FB_OVP
6
V
Output OVP delay time
TD_OVP
Remain 6 cycles
6
CLK
Output UVP
FB_UVP
2.4
V
Output UVP delay time
TD_UVP
64
ms
Abnormal protection
FB_abnor
Vfb@switch on
-1.2
V
FB input resistance
Z_FB
1.5
MΩ
Power switch section
BJT Breakdown voltage
IOC=1mA
IOC=1mA
700
-
V
BJT saturation voltage
Ioc=300mA
Ioc=300mA
-
1
V
Maximum collector current
350
400
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com