Electronic Components Datasheet Search
  English  ▼

X  

WS2596B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS2596B
Description  High Efficiency Charger Control IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS2596B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS2596B Datasheet HTML 1Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 2Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 3Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 4Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 5Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 6Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 7Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 8Page - List of Unclassifed Manufacturers WS2596B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/9
WS2596B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Thermal section
Intelligent thermal control
threshold
Tz
Output power start to
reduce
133
℃
OTP threshold
Totp
Restart
150
℃
Function Description
Start-up and UVLO
At the phase of power-on, the rectified high voltage DC
charges the capacitor of VCC through the start-up resistor.
When VCC rises to 16.3V, the IC enters normal operation,
then switching begins and the output voltage begins to rise.
The VCC bypass capacitor must supply the IC until the
output voltage builds up enough to provide power from the
auxiliary winding to sustain the VCC. The under-voltage
threshold of VCC is 4.2V, the control circuit will turn off the
output, then the Vcc capacitor will be charged again.
Constant primary peak current
The primary current ip(t) is sensed by a current sense
resistor Rcs, the current rises up linearly at a rate of:
Lm
t
Vg
dt
t
dip
)
(
)
( 
Lm
is
primary
inductance
(
1)
Primary current waveform
As illustrated in top figure,when the current ip(t) rises up to
Ipk, the switch turns off. The constant peak current is given
by:
Rcs
Vcs
Ipk
,
Vcs is internal limited to 0.5V
(
2)
The energy stored in the magnetizing inductance Lm each
cycle is :
2
2
1
Ipk
Lm
Eg
(
3)
So the power transferring from the input to the output is given
by:
sw
f
Ipk
Lm
P
2
2
1
(
4)
Where
fsw is the switching frequency. When the
peak current Ipk is constant, the output power
depends on
the switching frequency
fsw.
Constant Voltage Operation
The WS2596B captures the auxiliary winding feedback
voltage at FB pin and operates in constant-voltage (CV) mode
to regulate the output voltage. Assuming the secondary
winding is master, the auxiliary winding is slave during the D1
on-time. The auxiliary voltage is given by:
Ns
Vs
Naux
Vaux 
And
Vd
Vo
Vs
So
)
(
Vd
Vo
Ns
Naux
Vaux
,
.
Where Vd is the diode forward drop voltage.
So the output will be constant when the VFB is constant to 4V.
Auxiliary voltage waveform
The output voltage is different from the secondary voltage in a
diode forward drop voltage that depends on the current. If the
secondary voltage is always detected at a fixed secondary
current, the difference between the output voltage and the
secondary voltage will be a fixed Vd. The voltage detection
point is at two-thirds of the D1 on-time. The CV loop control
function of WS2596B then generates a D1 off-time to regulate
the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com