Electronic Components Datasheet Search
  English  ▼

X  

WS3241 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WS3241
Description  High Precision PSR LED Constant Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3241 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WS3241 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WS3241 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/8
Internal Block Diagram
Ordering Information
Package
Marking
Part Number
3-Pin TO-92, Pb-free
WS3241NP
WS3241NP
Recommended Operation Conditions
Part Number
Package
Input voltage
Maximum output
power
WS3241NP
TO-92
175VAC-264VAC
4 W
90VAC-264VAC
3 W
Absolute Maximum Ratings
symbol
paramete
limites
unit
VDD
Power Supply
7
V
Ivdd_max
VDD Clamping current
10
mA
Drain
Drain of internal power MOS
-0.3~650
V
Tj
Maximun junction temperature
150
℃
Tjo
Operating temperature range
-40~150
℃
TSTG
Minimun/Maximum storage temperature
-55~150
℃
Note : Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com