Electronic Components Datasheet Search
  English  ▼

X  

WS3241 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS3241
Description  High Precision PSR LED Constant Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3241 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS3241 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
6/8
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS3241 ProductDescription
voltage spike on the current sense resistor at initial
MOSFET on state. The typical value of lead edge blanking is
500ns. The current limit comparator is disabled and thus
cannot turn off the internal MOSFET.
PFM Control improves the EMI performance
WS3241 uses the PFM control method, which can
improve the system performance. Because PFM belongs to
frequency conversion control, built-in spread spectrum
function.
Over Voltage Protection
WS3241 has a built-in over voltage protection circuit.
When the LED open, the output voltage increased cycle by
cycle, secondary demagnetization time induced. When the
secondary demagnetization time is less than 5us, the over
voltage protection will be triggered.
Minimum off time
WS3241 integrates the minimum off time control, the
typical value is 3.6us. It prevents the interference on the chip
operation voltage caused by the burrs of the switch off,
especially when
larger
leakage
inductance
of
the
transformer and lower output voltage.
Pin Floating Protection
In WS3241, pin floating phenomenon will not cause
damage to the system.
Automatic restart protection
In WS3241, protection is locked when a certain
protection is triggered, while the switching stops, intering
restart delay mode. Here the VDD voltage is oscillates
between 5.3V and 5.8V, and entering into normal start mode
after 64 cycles. After start up, it works and confirms whether
the protection is removed. If the protection is not removed,
the chip will enter into protection latch state, and repeat
delay to restart, until the protection is released.
Soft Driver of Internal Power MOSFET
WS3241 has a built-in soft driver, improving the EMI
performance, realizing a balance between the efficiency, the
reliability and the EMI.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com