Electronic Components Datasheet Search
  English  ▼

X  

WS3241 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS3241
Description  High Precision PSR LED Constant Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3241 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS3241 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3241 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WS3241 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/8
Application Information
WS3241 is a constant current driver for LED lighting,
adopted advanced constant current control method.It
integrates 650V power switch. Only need a few peripheral
components can achieve excellent constant current
characteristic. With the primary side feedback technology,
WS3241 do not need optocoupler and TL431, also need not
the auxiliary winding for power supply and detection. Thus
achieve the low systemcost.
Low operation current
The operating current of WS3241 is very low. The
typical value is 150uA. The low operating current improves
the efficiency of the system, while reducing the VDD
capacitor requirements.
Primary Feedback PSR Technology
Assume that the system works in DCM flyback mode,
the power transmission equations can be expressed
o
o
s
pk
m
I
V
f
I
L
P
2
2
Where, P is the output power, Vo and Io is the system
output voltage and current, η is the system power
conversion efficiency, Ipk is the primary side peak current,
fixed 185mA.
In DCM mode, Demagnetization time Tdem can be
expressed as:
pk
p
s
dem
m
o
I
N
N
T
L
V
Where, Np and Ns is the transformer primary and
secondary turns, respectively. Combination of the above two
formula, the average output current can be expressed as:
dem
s
s
p
pk
o
T
f
N
N
I
I
2
s
dem
s
p
pk
o
T
T
N
N
I
I
2
Where Ts is the switch cycle. WS3241 adopts PFM
mode to realize constant current, making the peak inductor
current of primary side constant, also remains the ratio of
the demagnetization time and the cycle time, which can
realize constant output current, but also independent with
the line input voltage and transformer inductance. The ratio
of the demagnetization time and the cycle time is 0.5:
5
.
0
s
dem
T
T
Single Chip Built-in 650V High Voltage Power
Supply, Start time less than 100ms
Fig.1 shows the internal high voltage power supply
module. When the system access AC power, VDD capacitor
is charged by the internal 650V high voltage MOS. It will not
reset and start working until the VDD voltage reaches 5.8V.
The start time is less than 100ms, which means that the light
achieves instant bright. In normal operation, VDD is
dynamically charged by Drain, which can save the power
supply auxiliary Winding.
Demagnetization Detection
WS3241 detects the demagnetization time through the
drainterminal waveform, which can save auxiliary winding.
Cycle by Cycle Current Protection and Lead
Edge Blanking
Cycle-by-cycle current limiting is offered in WS3241. An
internal leading edge blanking circuit chops off the sense



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com