Electronic Components Datasheet Search
  English  ▼

X  

OMAP5910 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP5910
Description  DUAL-CORE PROCESSOR
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP5910 Datasheet(HTML) 46 Page - Texas Instruments

Back Button OMAP5910 Datasheet HTML 42Page - Texas Instruments OMAP5910 Datasheet HTML 43Page - Texas Instruments OMAP5910 Datasheet HTML 44Page - Texas Instruments OMAP5910 Datasheet HTML 45Page - Texas Instruments OMAP5910 Datasheet HTML 46Page - Texas Instruments OMAP5910 Datasheet HTML 47Page - Texas Instruments OMAP5910 Datasheet HTML 48Page - Texas Instruments OMAP5910 Datasheet HTML 49Page - Texas Instruments OMAP5910 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 166 page
background image
Introduction
46
August 2002 − Revised August 2004
SPRS197D
Table 2−4. Signal Description (Continued)
SIGNAL
TYPE†
DESCRIPTION
GDY
BALL
GZG
BALL
Power Supplies (Continued)
CVDDA‡
Y21
R15
Analog supply voltage. Supplies power to ULPD DPLL which provides an internal
clock to the USB peripherals. NOTE: The voltage to this supply pin should be kept
as clean as possible to maximize performance.
power
DVDD1
A15,
A19,
E21,
L21,
U21,
AA11,
Y16
C12,
A14,
E14,
H13,
N16,
P9,
T12
I/O Supply Voltage 1. Supplies power to the majority of peripheral I/O buffers.
DVDD1 may be connected in common with the other DVDD supplies if the same
operating voltage is desired.
power
DVDD2
AA2
U3
I/O Supply Voltage 2. Supplies power to the internal USB transceiver buffers.
DVDD2 may optionally be used for USB connect and disconnect detection by
connecting DVDD2 to the power from the USB bus in the system. DVDD2 may be
connected in common with the other DVDD supplies if the same operating voltage
is desired.
power
DVDD3
Y7
N7
I/O Supply Voltage 3. Supplies power to the MCSI2 and McBSP2 peripheral I/O
buffers as well as GPIO[9:8] I/O buffers. The DVDD3 supply may operate within a
high-voltage or low-voltage range (see Section 5.2 for operating conditions).
DVDD3 may be connected in common with the other DVDD supplies if the same
operating voltage is desired.
power
DVDD4
A1,
A5,
A7,
B10,
B12
D3,
D5,
A5,
D8,
E10
I/O Supply Voltage 4. Supplies power to the SDRAM interface I/O buffers. The
DVDD4 supply may operate within a high-voltage or low-voltage range (see
Section 5.2 for operating conditions). DVDD4 may be connected in common with
the other DVDD supplies if the same operating voltage is desired.
power
DVDD5
C2,
E1,
H2,
L1,
P3,
R1,
V2
H7,
D1,
F1,
K6,
L2,
L3,
U1
I/O Supply Voltage 5. Supplies power to the FLASH interface I/O buffers. The
DVDD5 supply may operate within a high-voltage or low-voltage range (see
Section 5.2 for operating conditions). DVDD5 may be connected in common with
the other DVDD supplies if the same operating voltage is desired.
power
† I = Input, O = Output, Z = High-Impedance
‡ All core voltage supplies should be tied to the same voltage level (within 0.3 V). During system prototyping phases, it may be useful to maintain
a capability for independent measurement of core supply currents to facilitate power optimization experiments.
§ See Sections 5.6.1 and 5.6.2 for special VSS considerations with oscillator circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com