Electronic Components Datasheet Search
  English  ▼

X  

OMAP5910 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP5910
Description  DUAL-CORE PROCESSOR
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP5910 Datasheet(HTML) 90 Page - Texas Instruments

Back Button OMAP5910 Datasheet HTML 86Page - Texas Instruments OMAP5910 Datasheet HTML 87Page - Texas Instruments OMAP5910 Datasheet HTML 88Page - Texas Instruments OMAP5910 Datasheet HTML 89Page - Texas Instruments OMAP5910 Datasheet HTML 90Page - Texas Instruments OMAP5910 Datasheet HTML 91Page - Texas Instruments OMAP5910 Datasheet HTML 92Page - Texas Instruments OMAP5910 Datasheet HTML 93Page - Texas Instruments OMAP5910 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 166 page
background image
Functional Overview
90
August 2002 − Revised August 2004
SPRS197D
Table 3−40. Local Bus MMU Registers
BYTE
ADDRESS
REGISTER NAME
DESCRIPTION
ACCESS
WIDTH
ACCESS
TYPE
RESET
VALUE
FFFE:C204
LB_MMU_WALKING_ST_REG
Local Bus MMU Walking Status
32
RW†
0000h
FFFE:C208
LB_MMU_CNTL_REG
Local Bus MMU Control
32
RW†
0000h
FFFE:C20C
LB_MMU_FAULT_AD_H_REG
Local Bus MMU Fault Address High
32
R
0000h
FFFE:C210
LB_MMU_FAULT_AD_L_REG
Local Bus MMU Fault Address Low
32
R
0000h
FFFE:C214
LB_MMU_FAULT_ST_REG
Local Bus MMU Fault Status
32
R
0000h
FFFE:C218
LB_MMU_IT_ACK_REG
Local Bus MMU Interrupt Acknowledge
32
W
0000h
FFFE:C21C
LB_MMU_TTB_H_REG
Local Bus MMU TTB Register High
32
RW†
0000h
FFFE:C220
LB_MMU_TTB_L_REG
Local Bus MMU TTB Register Low
32
RW†
0000h
FFFE:C224
LB_MMU_LOCK_REG
Local Bus MMU Lock Counter
32
RW
0000h
FFFE:C228
LB_MMU_LD_TLB_REG
Local Bus MMU TLB Load/Read Control
32
RW
0000h
FFFE:C22C
LB_MMU_CAM_H_REG
Local Bus MMU CAM Entry High
32
RW
0000h
FFFE:C230
LB_MMU_CAM_L_REG
Local Bus MMU CAM Entry Low
32
RW
0000h
FFFE:C234
LB_MMU_RAM_H_REG
Local Bus MMU RAM Entry High
32
RW
0000h
FFFE:C238
LB_MMU_RAM_L_REG
Local Bus MMU RAM Entry Low
32
RW
0000h
FFFE:C23C
LB_MMU_GFLUSH_REG
Local Bus MMU Global Flush Control
32
RW
0000h
FFFE:C240
LB_MMU_FLUSH_ENTRY_REG
Local Bus MMU Individual Entry Flush
Control
32
RW
0000h
FFFE:C244
LB_MMU_READ_CAM_H_REG
Local Bus MMU CAM Read High
32
RW
0000h
FFFE:C248
LB_MMU_READ_CAM_L_REG
Local Bus MMU CAM Read Low
32
RW
0000h
FFFE:C24C
LB_MMU_READ_RAM_H_REG
Local Bus MMU RAM Read High
32
RW
0000h
FFFE:C250
LB_MMU_READ_RAM_L_REG
Local Bus MMU RAM Read Low
32
RW
0000h
† Write access in ARM supervisor mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com