Electronic Components Datasheet Search
  English  ▼

X  

WS9822B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS9822B
Description  Non-isolated Buck High Precision Three-stage Dimming LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9822B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS9822B Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
2/11
WS9822B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Pin Definition and Device Marking
WS9822B is available in DIP-7 and SOP-7 packages:
Package Pin Definition
Pin name
Pin No.
Desciption
1
GND
Ground
2
ROVP
Over Voltage Protection Setting Pin. Connect a resistor to GND.
3
NC
No connection, must be floated.
4
VCC
Power Supply Pin
5/6
Drain
Internal HV Power MOSFET Drain.
7
CS
Current Sense Pin. Connect a sensing resistor between this pin and GND pin.
WS9822BD7P:Product Code
A:Product Code
X:Internal Code
BCY:Internal QC Code
YMX:D/C
WS9822BS7P:Product Code
A:Product Code
X:Internal Code
BCY:Internal QC Code
YMX:D/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com