Electronic Components Datasheet Search
  English  ▼

X  

WS9822B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS9822B
Description  Non-isolated Buck High Precision Three-stage Dimming LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9822B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS9822B Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.winsemi.com
Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/11
WS9822B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Electrical Characteristics
Conditions: TA=25℃,VCC=14V(Unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Power Supply Section
VCC_CLAMP
VCC Clamp Voltage
IVCC=1mA
16
V
ICC_CLAMP
VCC Clamp Current
5
20
mA
UVLO_OFF
Chip Startup Voltage
VCC Rising
15.8
V
UVLO_ON _HYS
Under voltage
Protection Hysteresis
VCC Falling
3.5
V
IST
Startup Current
VCC=UVLO_off-0.5V
65
130
195
uA
IOP
Operating Current
120
uA
Current Detection Section
VCS_TH
Threshold Voltage for Peak
Current Limitation
400
mV
VCS_DIM
Threshold Value for
Dimming Test
114
mV
TLEB
Leading Edge Blanking Time
for Current Sense
350
ns
TDELAY
Switch Off Delay Time
200
ns
Switching Frequency Section
TOFF_MIN
Minimum OFF Time
3
us
TOFF_MAX
Maximum OFF Time
240
us
TON_MAX
Maximum On Time
40
us
VROVP
ROVP PIN Voltage
0.5
V
DIM Dimming Section
TRESET
Shutdown Reset Time
5
S
MOSFET Section
IDSS
Power MOSFET Drain
Leakage Current
VGS=0V,VDS=500V
10
uA
BVDSS
Drain-Source Breakdown
Voltage
500
V
RDS_ON
Static Drain-source
On-state resistance
4.8
6
Ω
Thermal section
TREG
Thermal Regulation
Temperature
150
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com