Electronic Components Datasheet Search
  English  ▼

X  

WS9822B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS9822B
Description  Non-isolated Buck High Precision Three-stage Dimming LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS9822B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS9822B Datasheet HTML 1Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 2Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 3Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 4Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 5Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 6Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 7Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 8Page - List of Unclassifed Manufacturers WS9822B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right
reserved.
WS9822B Product Description
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
0121
Features
Three-stage switcher dimming: 100%-40%-15%
Compatible PCB with WS3442
Internal 500V Power MOSFET
Critical Conduction Mode Operation
±
3% LED Current Accuracy
without Auxiliary Winding for power supplying
Efficiency up to 93%
LED Open and Short Circuit Protection
Thermal Regulation Function to avoid lights flicking
under high temperature.
Typical Applictions
T5/T8 LED Strings
Ceiling Lamps
Bulbs
Other LED Lightings
Typical Application Circuit
Description
The WS9822B is a three-stage dimming constant current
LED driver with high precision and is applied to non-isolated
buck LED power system. The WS9822B integrates a switch
dimming circuit and can change the output current through
switch shifting.
The device operates in critical conduction mode and is
suitable for universal input offline LED lighting to dim with
three-stage by switcher.
The WS9822B utilizes proprietary current control method.
It can achieve precise LED output current and excellent line
regulation.
The operating current of the IC is as low as 120uA. So it
doesn’t need the auxiliary winding for supplying the chip,
which brings more simplified designs and lower cost.
The WS9822B adopts intelligent temperature control and
thoroughly solves the problem of LED flickering under high
temperature.
The WS9822B offers multiple protection functions to
improve the system reliability, including LED open circuit
protection, LED short circuit protection, and VCC under
voltage protection.
Non-isolated Buck High Precision Three-stage Dimming LED Driver


Similar Part No. - WS9822B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
WS9822BD7P WINSEMI-WS9822BD7P Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
WS9822BS7P WINSEMI-WS9822BS7P Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
More results

Similar Description - WS9822B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9822B WINSEMI-WS9822B Datasheet
786Kb / 11P
Non-isolated Buck High Precision Three-stage Dimming LED Driver
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
SIC9701 SISEMIC-SIC9701 Datasheet
668Kb / 8P
High Precision Non-Isolated Buck APFC LED Driver
SIC9702 SISEMIC-SIC9702 Datasheet
339Kb / 7P
High Precision Non-Isolated Buck APFC LED Driver
SIC9732 SISEMIC-SIC9732 Datasheet
888Kb / 8P
High Precision Non-Isolated Buck APFC LED Driver
SIC9952 SISEMIC-SIC9952 Datasheet
798Kb / 11P
Non-Isolated Buck Sections Switch Dimming LED Driver
logo
Shenzhen Tianyuan Semic...
TP8553C TPOWER-TP8553C Datasheet
626Kb / 6P
Three-stage switch dimming non-isolated buck LED constant current driver chip
TP8621 TPOWER-TP8621 Datasheet
648Kb / 7P
Three-stage switch dimming high power factor non-isolated buck LED driver chip
logo
Shenzhen Huazhimei Semi...
HM2730 HMSEMI-HM2730 Datasheet
1Mb / 18P
High precision non-isolated buck driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com