Electronic Components Datasheet Search
  English  ▼

X  

PS8802 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS8802
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802 Datasheet(HTML) 5 Page - California Eastern Labs

  PS8802 Datasheet HTML 1Page - California Eastern Labs PS8802 Datasheet HTML 2Page - California Eastern Labs PS8802 Datasheet HTML 3Page - California Eastern Labs PS8802 Datasheet HTML 4Page - California Eastern Labs PS8802 Datasheet HTML 5Page - California Eastern Labs PS8802 Datasheet HTML 6Page - California Eastern Labs PS8802 Datasheet HTML 7Page - California Eastern Labs PS8802 Datasheet HTML 8Page - California Eastern Labs PS8802 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS8802-1,-2
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
25
mA/ch
Reverse Voltage
VR
5.0
V/ch
Power Dissipation
*1
PD
45
mW/ch
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V/ch
Output Current
IO
8.0
mA/ch
Power Dissipation
*2
PC
100
mW/ch
Isolation Voltage
*3
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +100
°C
Storage Temperature
Tstg
–55 to +125
°C
*1 Reduced to 0.45 mW/
°C at TA = 25°C or more.
*2 Reduced to 1.00 mW/
°C at TA = 25°C or more.
*3 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
Data Sheet PN10418EJ07V0DS
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com