Electronic Components Datasheet Search
  English  ▼

X  

PS8802 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS8802
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS8802 Datasheet HTML 4Page - California Eastern Labs PS8802 Datasheet HTML 5Page - California Eastern Labs PS8802 Datasheet HTML 6Page - California Eastern Labs PS8802 Datasheet HTML 7Page - California Eastern Labs PS8802 Datasheet HTML 8Page - California Eastern Labs PS8802 Datasheet HTML 9Page - California Eastern Labs PS8802 Datasheet HTML 10Page - California Eastern Labs PS8802 Datasheet HTML 11Page - California Eastern Labs PS8802 Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PS8802-1,-2
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
50
30
20
10
0
40
25
50
75
100
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
120
100
60
20
0
80
40
25
50
75
100
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
100
0.01
0.1
10
1
1.4
1.8
2.0
2.4
1.0
1.2
1.6
2.2
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
TA = +100˚C
+50˚C
+25˚C
0˚C
–25˚C
80
20
0
40
60
70
50
10
30
0.5
5
10
50
1
VCC = 4.5 V,
VO = 0.4 V
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
1.6
0.0
1.2
0.4
1.4
1.0
0.8
0.6
0.2
0
50
100
–50
–25
25
75
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25˚C, IF = 16 mA,
VCC = 4.5 V, VO = 0.4 V
Ambient Temperature TA (˚C)
HIGH LEVEL OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
10 000
10
0.1
1 000
100
50
100
–25
0
25
75
VCC = VO = 30 V
VCC = VO = 5.5 V
1
IF = 0 mA
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10418EJ07V0DS
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com