Electronic Components Datasheet Search
  English  ▼

X  

PS8802 Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS8802
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8802 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS8802 Datasheet HTML 3Page - California Eastern Labs PS8802 Datasheet HTML 4Page - California Eastern Labs PS8802 Datasheet HTML 5Page - California Eastern Labs PS8802 Datasheet HTML 6Page - California Eastern Labs PS8802 Datasheet HTML 7Page - California Eastern Labs PS8802 Datasheet HTML 8Page - California Eastern Labs PS8802 Datasheet HTML 9Page - California Eastern Labs PS8802 Datasheet HTML 10Page - California Eastern Labs PS8802 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PS8802-1,-2
*1 Test circuit for propagation delay time
Input
Output
50%
1.5 V
VOL
tPHL
tPLH
(IF = 7.5 mA)
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
VO (Monitor)
VCC = 5 V
Input
(Monitor)
0.1 F
CL = 15 pF
47
Ω
RL = 2.2 k
Ω
PS8802-1
μ
μ
Pulse input (IF)
(PW = 1 s,
Duty cycle = 1/10)
VO (Monitor)
VCC = 5 V
Input
(Monitor)
0.1 F
CL = 15 pF
47
Ω
RL = 2.2 k
Ω
PS8802-2
μ
μ
Remark CL is approximately 15 pF which includes probe and stray wiring capacitance.
*2 Test circuit for common mode transient immunity
IF
VO (Monitor)
VCC = 5 V
0.1 F
RL = 4.1 k
Ω
PS8802-1
VCM
μ
CL = 15 pF
IF
VO (Monitor)
VCC = 5 V
0.1 F
RL = 4.1 k
Ω
PS8802-2
VCM
SW
μ
CL = 15 pF
90%
10%
1.5 kV
0 V
VOH
2 V
0.8 V
VOL
VCM
VO
(IF = 0 mA)
VO
(IF = 16 mA)
tr
tf
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1
μF is used between VCC and GND near device. Also, ensure that the distance between
the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10418EJ07V0DS
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com