Electronic Components Datasheet Search
  English  ▼

X  

9FGL02 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # 9FGL02
Description  2-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL02 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button 9FGL02 Datasheet HTML 11Page - Integrated Device Technology 9FGL02 Datasheet HTML 12Page - Integrated Device Technology 9FGL02 Datasheet HTML 13Page - Integrated Device Technology 9FGL02 Datasheet HTML 14Page - Integrated Device Technology 9FGL02 Datasheet HTML 15Page - Integrated Device Technology 9FGL02 Datasheet HTML 16Page - Integrated Device Technology 9FGL02 Datasheet HTML 17Page - Integrated Device Technology 9FGL02 Datasheet HTML 18Page - Integrated Device Technology 9FGL02 Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
2-OUTPUT 3.3V PCIE CLOCK GENERATOR
18
OCTOBER 18, 2016
9FGL02 DATASHEET
Ordering Information
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“B” is the device revision designator (will not correlate with the datasheet revision).
“xxx” is a unique factory assigned number to identify a particular default configuration.
Revision History
Part / Order Number Shipping Packaging
Package
Temperature
9FGL0241BKILF
Trays
24-pin VFQFPN
-40 to +85° C
9FGL0241BKILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C
9FGL0251BKILF
Trays
24-pin VFQFPN
-40 to +85° C
9FGL0251BKILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C
9FGL02P1BxxxKILF
Trays
24-pin VFQFPN
-40 to +85° C
9FGL02P1BxxxKILFT
Tape and Reel
24-pin VFQFPN
-40 to +85° C
Rev.
Issue Date
Intiator Description
Page #
A
7/17/2015
RDW
1. Update electrical tables with characterization data.
2. Minor formatting updates for readability and consistency.
3. Added I-temp crystal part number to crystal characteristics table
4. Added reference to AN-891 for terminating to other logic families.
5. Removed LVDS termination drawing (now in AN-891)
6. Move to final.
Various
B
2/1/2016
RDW
1. Updated ordering information to B rev
2. Updated byte 5 values
3. Updated block diagram
Various
C
4/20/2016
RDW
1. Removed VDDIO reference, this part does not have the feature
2. Clarified that the 9FGL04P device has 8MHz to 40MHz input
frequency range, and that the 9FGL0441/0451 use a 25MHz input.
3. Updated max IDD for case WOL mode from 11mA to 14mA.
4. Corrected Stop State Control bit decode in Byte 11
5. Updated Amplitude Control Bit Decode in Byte 1
D
6/3/12016
RDW
1. Update electrical tables for B rev production release
2. Added PCIe SRIS and PCIe Gen4 CC to phase jitter tables.
3. Updated front page text.
4. Removed '000' blank device from ordering information.
5. Updated Byte0 wording for clarity
6. Updated Byte1[1:0] descriptions.
Various
E
6/22/12016
RDW
1. Updated electrical tables with final data from PE/TE
Various
F
10/18/2016
RDW
Removed IDT crystal part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com