Electronic Components Datasheet Search
  English  ▼

X  

9FGL02 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9FGL02
Description  2-output 3.3V PCIe Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL02 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9FGL02 Datasheet HTML 5Page - Integrated Device Technology 9FGL02 Datasheet HTML 6Page - Integrated Device Technology 9FGL02 Datasheet HTML 7Page - Integrated Device Technology 9FGL02 Datasheet HTML 8Page - Integrated Device Technology 9FGL02 Datasheet HTML 9Page - Integrated Device Technology 9FGL02 Datasheet HTML 10Page - Integrated Device Technology 9FGL02 Datasheet HTML 11Page - Integrated Device Technology 9FGL02 Datasheet HTML 12Page - Integrated Device Technology 9FGL02 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
OCTOBER 18, 2016
9
2-OUTPUT 3.3V PCIE CLOCK GENERATOR
9FGL02 DATASHEET
Electrical Characteristics–Current Consumption
Electrical Characteristics– REF
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDAOP
VDDA, All outputs active @100MHz
13
16
mA
IDDOP
All VDD, except VDDA, All outputs active
@100MHz
21
30
mA
IDDAPD
VDDA, DIF outputs off, REF output running
0.7
1.5
mA
1
IDDPD
All VDD, except VDDA,
DIF outputs off, REF output running
8.8
14
mA
1
IDDAPD
VDDA, all outputs off
0.7
1.5
mA
IDDPD
All VDD, except VDDA, all outputs off
4.7
8
mA
1 This is the current required to have the REF output running in Wake-on-LAN mode (Byte 3, bit 5 = 1)
Powerdown Current
(Power down state and
Byte 3, bit 5 = '0')
Operating Supply Current
Wake-on-LAN Current
(Power down state and
Byte 3, bit 5 = '1')
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
ppm
1,2
Clock period
Tperiod
REF output
ns
2
High output Voltage
VHIGH
IOH = -2mA
0.8xVDDREF
V
Low output Voltage
VLOW
IOL = 2mA
0.2xVDDREF
V
trf1
Byte 3 = 1F, VOH = 0.8*VDD, VOL = 0.2*VDD
0.5
0.9
1.2
V/ns
1
trf1
Byte 3 = 5F, VOH = 0.8*VDD, VOL = 0.2*VDD
1.0
1.5
2.0
V/ns
1,3
trf1
Byte 3 = 9F, VOH = 0.8*VDD, VOL = 0.2*VDD
1.5
2.2
2.6
V/ns
1
trf1
Byte 3 = DF, VOH = 0.8*VDD, VOL = 0.2*VDD
2.0
2.9
3.2
V/ns
1
Duty Cycle
dt1X
VT = VDD/2 V
45
50.2
55
%
1,4
Duty Cycle Distortion
dtcd
VT = VDD/2 V
-1
0
0
%
1,5
Jitter, cycle to cycle
tjcyc-cyc
VT = VDD/2 V
70
150
ps
1,4
tjdBc1k
1kHz offset
-145
-135
dBc
1,4
tjdBc10k
10kHz offset to Nyquist
-150
-140
dBc
1,4
tjphREF
12kHz to 5MHz, DIF SSC Off
0.13
0.3
ps (rms)
1,4
tjphREF
12kHz to 5MHz, DIF SSC On
1.5
2
ps (rms)
1,4
1Guaranteed by design and characterization, not 100% tested in production.
3 Default SMBus Value
4 When driven by a crystal.
5 When driven by an external oscillator via the X1 pin, X2 should be floating.
Noise floor
Jitter, phase
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is trimmed to 25.00 MHz
0
40
Rise/Fall Slew Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com